Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS2911 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. GS2911
Description  300mA CMOS Positive LDO Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

GS2911 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
GS2911
Globaltech Semiconductor
www.globaltechsemi.com
5
GS2911
Temperature characteristics
Topr * △VOUT
-40℃≦Topr≦125℃
Electrical Characteristics V
OUT(T) =5.0 (Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltages
VOUT(E)
(Note 2)
IOUT = 40mA
VIN = 6.0V
4.900
5.000
5.100
V
Maximum output current
IOUT max
VIN = 6.0V
VOUT(E) ≥ 5.0V
165
mA
Load stability
∆VOUT
VIN = 6.0V
1mA
≤ IOUT ≤80mA
45
90
mV
Vdif
VIN = 6.0V
Input-Output
Voltage differential (Note 3)
Vdif
IOUT =200mA
380
600
mV
Supply current
Iss
VIN = 6.0V
1.0
100
µA
Line regulation
∆VOUT
∆VINi∆VOUT
IOUT = 40mA
4.3V
≤ VIN ≤ 10.0V
0.2
0.3
%/V
Input voltage
VIN
10
V
Output voltage
Temperature characteristics
∆VOUT
∆Topri∆VOUT
IOUT = 40mA
-40℃
≤ Topr ≤125℃
±100
ppm/℃
Note1. VOUT(T) = Specified output voltage.
Note2. VOUT(E) = Effective output voltage (i.e. the output voltage when “ VOUT(T)+1.0V” is provided at the VIN pin while
maintaining a certain IOUT value.)
Note3. Vdif = (VIN 1 (Note 4) – VOUT (E))
Note4. VIN 1 = The input voltage at the time 98% of VOUT(E) is output (input voltage has been gradually reduced).
Typical Performance Characteristics
Output Voltage vs. Output Current
GS2911 (3.3V)
GS2911 (5V)
Topr=25℃
85℃
-40℃
5. 1
4. 7
4. 8
4. 9
5. 0
0 20 40 60 80 100 120 140 160 180
OUTPUT CURRENT: IOUT(mA)
VIN=6V
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)
3. 4
3. 3
3. 2
3. 1
3. 0
0 20 40 60 80 100 120 140 160 180
Topr =25℃
- 30℃
80℃
VIN=4.3V
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)
Output Current IOUT (mA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS9004300mA CMOS LDO Adjustable Voltage with Enable & Power Good 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
GS2905500mA CMOS LDO Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RT9162300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreRichtek Technology Corporation
ICL7663SCMOS Programmable Micropower Positive Voltage Regulator 1 2 3 4 5 MoreIntersil Corporation
AN78N003-pin Positive Output Voltage Regulator 300mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AP2115300mA FIXED OUTPUT VOLTAGE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AP2117300mA FIXED OUTPUT VOLTAGE LDO REGULATOR 1 2 BCD Semiconductor Manufacturing Limited
AAT3242300mA/150mA Dual CMOS LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analogic Technologies
TS9000300mA CMOS Low Dropout Voltage Regulator 1 2 3 4 Taiwan Semiconductor Company, Ltd
TS9001300mA CMOS Low Dropout Voltage Regulator with Enable 1 2 3 4 5 Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn