Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS2911 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. GS2911
Description  300mA CMOS Positive LDO Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

GS2911 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GS2911
Globaltech Semiconductor
www.globaltechsemi.com
3
GS2911
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Input Voltage
VIN
12V
Output Current
IOUT
500 mA
Output Voltage
VOUT
Vss-0.3 to VIN+0.3
Continuous Total Power Dissipation
TO-92
SOT-89
PD
500 mW
550 mW
Operating Ambient Temperature
Topr
0℃ to 80℃
Storage temperature Range
Tstg
-40℃ to 125℃
Lead Temperature (10 sec)
TLEAD
260℃
Electrical Characteristics V
OUT(T) =2.0 (Note 1)
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Output voltages
VOUT (E)
(Note 2)
IOUT = 40mA
VIN = 3.0V
1.960
2.000
2.040
V
Maximum output current
IOUT max
VIN = 3.0V
VOUT(E) ≧ 1.8V
100
mA
Load stability
VOUT
VIN = 3.0V
1mA ≦IOUT ≦60mA
45
90
mV
Vdif
IOUT=60mA
180
360
mV
Input-Output
Voltage differential (Note 3)
IOUT=120mA
400
700
mV
Supply current
ISS
VIN = 3.0V
1.0
100
µA
Line regulation
VOUT
VIN * △VOUT
IOUT = 40mA
3.0V≦VIN≦10.0V
0.2
0.3
%/V
Input voltage
VIN
10
V
Output voltage
Temperature characteristics
VOUT
Topr * △VOUT
IOUT = 40mA
-40℃≦Topr≦85℃
±
100
ppm/℃


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS9004300mA CMOS LDO Adjustable Voltage with Enable & Power Good 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
GS2905500mA CMOS LDO Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RT9162300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreRichtek Technology Corporation
ICL7663SCMOS Programmable Micropower Positive Voltage Regulator 1 2 3 4 5 MoreIntersil Corporation
AN78N003-pin Positive Output Voltage Regulator 300mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AP2115300mA FIXED OUTPUT VOLTAGE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AP2117300mA FIXED OUTPUT VOLTAGE LDO REGULATOR 1 2 BCD Semiconductor Manufacturing Limited
AAT3242300mA/150mA Dual CMOS LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analogic Technologies
TS9000300mA CMOS Low Dropout Voltage Regulator 1 2 3 4 Taiwan Semiconductor Company, Ltd
TS9001300mA CMOS Low Dropout Voltage Regulator with Enable 1 2 3 4 5 Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn