Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXLD1100 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part No. ZXLD1100
Description  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZXLD1100 Datasheet(HTML) 2 Page - Zetex Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ZXLD1100
SEMICO NDUC TORS
ISSUE 4 - JULY 2004
2
PARAMETER
SYMBOL
LIMIT
UNIT
Input voltage
(VIN)7
V
LX output voltage
(VLX)30
V
Switch output current
(ILX)
500
mA
Power dissipation
(PD)
300
mW
Operating temperature
(TOP)
-40 to 85
°C
Storage temperature
(TST)
-55 to 150
°C
Junction temperature
(Tj MAX)
125
°C
ABSOLUTE MAXIMUM RATINGS (Voltages to GND unless otherwise stated)
DEVICE
DEVICE DESCRIPTION
TEMPERATURE RANGE
PART MARK
TAPING
OPTIONS
ZXLD1100H6
Boost convertor in SC70-6
-40 to +85°C
110
TA, TC
ORDERING INFORMATION
ZXLD1100H6TA = 7” reel of 3,000 devices
ZXLD1100H6TC = 13” reel of 10,000 devices


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn