Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXLD1100 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. ZXLD1100
Description  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZXLD1100 Datasheet(HTML) 1 Page - Zetex Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
SEMICO NDUC TORS
DESCRIPTION
The ZXLD1100 is a PFM inductive boost converter
designed for driving 2, 3 or 4 series connected white
LEDs from a Li-Ion cell and up to 8 LEDs from a 5V
supply. The device operates from an input supply of
between 2.5V and 5.5V and provides an adjustable
output current of up to 50mA.
The ZXLD1100 includes the output switch and peak
current sense resistor, and can operate with a
maximum output voltage of 28V.
Quiescent current is typically 60 A and a shutdown
function is provided to reduce this current to less than
500nA in the 'off' state.
ADVANCED FEATURES
Internal 30V NDMOS switch, current sense and
open circuit protection
True Analog Dimming via PWM
FEATURES
Low profile SC70 6 pin package
Internal PWM filter for flicker free output
High efficiency (80% typ)
Wide input voltage range: 2.5V to 5.5V
Up to 50mA output current
Low quiescent current: (60 A typ)
500nA maximum shutdown current
Up to 1MHz switching frequency
Low external component count
Inherently matched LED currents
Output current can be adjusted by applying a PWM
control signal to the 'Enable' pin. Depending upon the
control frequency, this will provide either a continuous
or a 'chopped' output current. The PWM filter
components are contained within the chip.
The ZXLD1100 contains an internal avalanche diode to
protect the output switch. This allows the device to
operate indefinitely if the load is open circuit. Input
supply current during this condition is less than 1mA.
The device is assembled in a low profile SC70-6 pin
package with industry standard pinout.
APPLICATIONS
Mobile phones
Digital cameras
PDAs
LCD modules
Portable internet appliances
Palmtop computers
ZXLD1100
ISSUE 4 - JULY 2004
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN
CIRCUIT PROTECTION IN SC70-6
PIN CONNECTIONS
TYPICAL APPLICATION CIRCUIT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn