Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FLH0041G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. FLH0041G
Description  0.2 Amp Linear Power Operational Amplifier in a Hermetic 12-lead Package
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

FLH0041G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FLH0041G/883
FLH0041G/883
0.2 Amp Linear Power
Operational Amplifier in a
Hermetic 12-Lead Package
Low Input Offset Voltage – 1mV Typical
Input and Output Overload Protection
High Slew Rate – 3V/µs Typical
Wide Power Bandwidth – 15 kHz
Available as DSCC SMD
8508701ZA
Additional Screening Available
SatCon Electronics has developed this Power Operational Amplifier for use in power supply and motor driver
applications. Small size and high reliability make these devices suitable for use in industrial, aerospace, and
military applications.
SatCon Electronics
1
FLH0041G/883
Description
Features
Symbol
Parameter
Value
Units
VS
Supply Voltage
±18
V
VCM
Input Voltage
1/
±15
V
VIN
Differential Input Voltage
±30
V
IO(PK)
Peak Output Current
2/
0.5
A
θJC
Thermal Resistance, Junction to Case
70
ºC/W
PD
Power Dissipation
3/
1.5
W
TJ
Operating Junction Temperature
-55 to +150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
Lead Temperature (10 sec)
300
ºC
Absolute Maximum Ratings
@TC= 25ºC (Unless Otherwise Specified)
1/ Rating applies for supply voltages above
±15V. For supplies < ±15V, rating is equal to supply voltage.
2/ Rating applies for RSC = 0Ω
3/ Rating applies for TA=+25ºC, without heat sink.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn