Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMQ1631-QH-0G0T Datasheet(PDF) 4 Page - Mimix Broadband

Part # CMQ1631-QH-0G0T
Description  13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMQ1631-QH-0G0T Datasheet(HTML) 4 Page - Mimix Broadband

  CMQ1631-QH-0G0T Datasheet HTML 1Page - Mimix Broadband CMQ1631-QH-0G0T Datasheet HTML 2Page - Mimix Broadband CMQ1631-QH-0G0T Datasheet HTML 3Page - Mimix Broadband CMQ1631-QH-0G0T Datasheet HTML 4Page - Mimix Broadband CMQ1631-QH-0G0T Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 4 of 5
Physical Dimensions
Ordering Information
March 2006 - Rev 30-Mar-06
13 - 18 GHz
0.5W QFN Plastic Packaged Power Amplifier
CMQ1631-QH
D
E
INDICATOR
PIN 1
CMQ1631G
XXXX
XXYY
100% Matte Tin
Wafer #
Date Code
0.00-0.05
A3
A
b
D2
K
E2
e
L
GND
1
3
7
8
2
4
5
6
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
GND
GND
GND
GND
RF IN
GND
GND
GND
GND
GND
RF
OUT
CHAMFER
.35 X .35
0.60 ±.005
PACKAGE OUTLINE
0.25 ±.005
0.50
BSC
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.70 ±.05
(4 SIDES)
3.00 ±.05
4.20 ±.05
E
E2
L
D2
e
K
b
D
0.20
0.20
2.45
0.20
4.00 BSC
0.30
0.40
2.60
2.75
0.50
-
-
0.25
0.30
4.00 BSC
NOM
0.20 REF
MIN
A3
0.80
A
MAX
0.90
1.00
1. ALL DIMENSIONS ARE IN mm
NOTE:
2.45
2.60
2.75
Caution: ESD Sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
Part Number for Ordering
Description
CMQ1631-QH-0G00
Matte Tin plated RoHS compliant QFN4X4 24L surface mount package in bulk quantity
CMQ1631-QH-0G0T
Matte Tin plated RoHS compliant QFN4X4 24L Surface mount package in tape and reel
PB-CMQ1631-QH-0000
CMQ1631-QH Evaluation Board
We also offer this part with SnPb (Tin-Lead) or NiPdAu plating. Please contact your regional sales manager for more information
regarding different plating types


Similar Part No. - CMQ1631-QH-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMQ1631-QH-0G0T MIMIX-CMQ1631-QH-0G0T Datasheet
264Kb / 5P
   13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
More results

Similar Description - CMQ1631-QH-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMQ1631-QH MIMIX-CMQ1631-QH_07 Datasheet
264Kb / 5P
   13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH MIMIX-CMQ1332-QH Datasheet
554Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1432-QH MIMIX-CMQ1432-QH_08 Datasheet
776Kb / 7P
   13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH MIMIX-CMQ1332-QH_07 Datasheet
580Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1432-QH MIMIX-CMQ1432-QH Datasheet
779Kb / 7P
   13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
logo
Qorvo, Inc
TGA2514N-FL QORVO-TGA2514N-FL Datasheet
535Kb / 10P
   13 ??18 GHz Power Amplifier
logo
Filtronic Compound Semi...
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
   Packaged 0.5W Power PHEMT
FPD750P100 FILTRONIC-FPD750P100 Datasheet
182Kb / 3P
   0.5W PACKAGED POWER PHEMT
logo
Transcom, Inc.
TA020-180-20-10 TRANSCOM-TA020-180-20-10 Datasheet
33Kb / 1P
   2 - 18 GHz 13 dBm Amplifier
logo
Tyco Electronics
MAAPGM0028 MACOM-MAAPGM0028 Datasheet
213Kb / 5P
   2.0-6.5 GHz 0.5W Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com