Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD115122 Datasheet(PDF) 1 Page - Sensitron

Part # SHD115122
Description  HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD115122 Datasheet(HTML) 1 Page - Sensitron

  SHD115122 Datasheet HTML 1Page - Sensitron SHD115122 Datasheet HTML 2Page - Sensitron SHD115122 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court • Deer Park, NY 11729-4681 • Phone (631) 586-7600 • Fax (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1147, REV. A
HERMETIC SCHOTTKY POWER RECTIFIER
Low Voltage Drop
DESCRIPTION: A 45 VOLT, 7.5 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-2/2B PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
45
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
7.5
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t = 8.3ms, Sine)
IFSM
140
Amps
MAXIMUM JUNCTION CAPACITANCE (Vr = 5V)
CT
400
pF
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
RθJC
1.7
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
Top
-65 to
+ 175
°C
MAXIMUM STORAGE TEMPERATURE RANGE
Tstg
-65 to
+ 175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 7.5 Amps)
TJ = 25 °C
TJ = 125 °C
Vf
0.64
0.57
Volts
MAXIMUM REVERSE CURRENT (Ir @ 45V PIV)
TJ = 25 °C
TJ = 125 °C
Ir
0.2
7.5
mA
SHD115122
SHD115122B


Similar Part No. - SHD115122

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115111 SENSITRON-SHD115111 Datasheet
147Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD115111B SENSITRON-SHD115111B Datasheet
147Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD115112 SENSITRON-SHD115112 Datasheet
146Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD115112B SENSITRON-SHD115112B Datasheet
146Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD115134 SENSITRON-SHD115134 Datasheet
147Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results

Similar Description - SHD115122

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115512 SENSITRON-SHD115512 Datasheet
158Kb / 3P
   HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop
SHD116123 SENSITRON-SHD116123 Datasheet
146Kb / 2P
   HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop
SHD116122 SENSITRON-SHD116122 Datasheet
157Kb / 3P
   HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop
SHD116022 SENSITRON-SHD116022 Datasheet
160Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117211 SENSITRON-SHD117211 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120012P SENSITRON-SHD120012P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD126046 SENSITRON-SHD126046 Datasheet
83Kb / 3P
   VERY LOW VOLTAGE DROP HERMETIC POWER SCHOTTKY RECTIFIER
SHD117245 SENSITRON-SHD117245 Datasheet
74Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115524 SENSITRON-SHD115524_11 Datasheet
60Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD125613 SENSITRON-SHD125613_08 Datasheet
47Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com