Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM1631-SM-000T Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM1631-SM-000T
Description  16.0-18.0 GHz 1.5-Watt Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1631-SM-000T Datasheet(HTML) 2 Page - Mimix Broadband

  CMM1631-SM-000T Datasheet HTML 1Page - Mimix Broadband CMM1631-SM-000T Datasheet HTML 2Page - Mimix Broadband CMM1631-SM-000T Datasheet HTML 3Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
May 2006 - Rev 24-May-06
Page 2 of 3
Power Amplifier Measurements (7 V, 800 mA)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
16.0-18.0 GHz
1.5-Watt Power Amplifier
CMM1631-SM
CMM1631-SM
Small Signal
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
10
11
12
13
14
15
16
17
18
19
20
21
22
Freq (GHz)
-15
-13
-11
-9
-7
-5
-3
-1
1
3
5
7
9
11
13
15
S21
S11
S22
CMM1631-SM
P1dB
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
16
16.2
16.4
16.6
16.8
17
17.2
17.4
17.6
17.8
18
Frequency (GHz)
P1dB 7V
CMM1631-SM
Psat
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
16
16.2
16.4
16.6
16.8
17
17.2
17.4
17.6
17.8
18
Frequency (GHz)
Psat 7V
CMM1631-SM
Gain
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
16
16.2
16.4
16.6
16.8
17
17.2
17.4
17.6
17.8
18
Freq (GHz)
S21
CMM1631-SM
Eff
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
16
16.2
16.4
16.6
16.8
17
17.2
17.4
17.6
17.8
18
Frequency (GHz)
Eff 7V


Similar Part No. - CMM1631-SM-000T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1631-SM-0G00 MIMIX-CMM1631-SM-0G00 Datasheet
227Kb / 4P
   16.0-18.0 GHz 1.5-Watt Power Amplifier
CMM1631-SM-0G0T MIMIX-CMM1631-SM-0G0T Datasheet
227Kb / 4P
   16.0-18.0 GHz 1.5-Watt Power Amplifier
More results

Similar Description - CMM1631-SM-000T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1631-SM_0608 MIMIX-CMM1631-SM_0608 Datasheet
227Kb / 4P
   16.0-18.0 GHz 1.5-Watt Power Amplifier
logo
Excelics Semiconductor,...
EIM0618-1.5 EXCELICS-EIM0618-1.5 Datasheet
92Kb / 2P
   6.0 - 18.0 GHz 1.5-Watt Power Module
logo
Qorvo, Inc
QPB1000 QORVO-QPB1000 Datasheet
2Mb / 12P
   2.0 ??18.0 GHz 75 Watt Amplifier
logo
TriQuint Semiconductor
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
   27- 32 GHz 1.5 Watt Power Amplifier
logo
Excelics Semiconductor,...
EIM0618-0.5 EXCELICS-EIM0618-0.5 Datasheet
91Kb / 2P
   6.0 - 18.0 GHz -Watt Power Module
logo
Mimix Broadband
CMM1331-SM MIMIX-CMM1331-SM Datasheet
574Kb / 3P
   12.7 to 13.5 GHz 1.5 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM1331-KU ETC1-CMM1331-KU Datasheet
375Kb / 2P
   12.70 to 13.50 GHz 1.5 Watt Power Amplifier
logo
Mimix Broadband
CMM1431-SM MIMIX-CMM1431-SM Datasheet
501Kb / 4P
   13.50 to 14.50 GHz 1.5 Watt Power Amplifier
logo
HBH Microwave GmbH
HA6014 HBH-HA6014 Datasheet
30Kb / 1P
   17.0 - 18.0 GHz Power Amplifier
logo
Mimix Broadband
XP1042-QT MIMIX-XP1042-QT_10 Datasheet
690Kb / 6P
   12.0-16.0 GHz Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com