Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVXZ161284MEA Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # 74LVXZ161284MEA
Description  Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXZ161284MEA Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button 74LVXZ161284MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 9Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 10Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
Package Number MS48A


Similar Part No. - 74LVXZ161284MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX00 FAIRCHILD-74LVX00 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX00 ONSEMI-74LVX00 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX00M FAIRCHILD-74LVX00M Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
ON Semiconductor
74LVX00M ONSEMI-74LVX00M Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
More results

Similar Description - 74LVXZ161284MEA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LVX161284A FAIRCHILD-74LVX161284A Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVX161284 FAIRCHILD-74LVX161284 Datasheet
114Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
ON Semiconductor
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Texas Instruments
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com