Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SHD114546 Datasheet(PDF) 2 Page - Sensitron

Part No. SHD114546
Description  HERMETIC POWER SCHOTTKY RECTIFIER 200˚C Maximum Operation Temperature Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

SHD114546 Datasheet(HTML) 2 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
DATA SHEET 1049, REV. -
MECHANICAL DIMENSIONS: In Inches / mm
0.0
0.2
0.4
0.6
0.8
1.0
Forward Voltage Drop - VF (V)
10-2
10-1
100
101
102
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
40
80
120
160
200
240
Reverse Voltage - VR (V)
10-4
10-3
10-2
10-1
100
101
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
40
80
120
160
200
240
Reverse Voltage - VR (V)
0
200
400
600
800
Typical Junction Capacitance
SHD114546
SHD114546A
SHD114546B
.200±.010
(5.08 ±.254)
.410±.010
(10.4±.254)
.075 (1.91) Max
Alumina Ring
.410±.010
(10.4±.254)
.550±.020
(14.0±.508)
Moly Lid
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.020±.002
(.508±.051)
.020±.005 R
(.508±.127 )
Moly Anode
.075 (1.91) Max
.410±.010
(10.4±.254)
Moly Lid
Moly Base
.410±.010
(10.4±.254)
Alumina Ring
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060±.010 (1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
.410±.010
(10.4±.254)
.150±.010
(3.81±.254)
.560±.020
(14.2±.508)
.410±.010
(10.4±.254)
.015±.005
(.381±.127)
Copper Anode
SHD-3
SHD-3A
SHD-3B


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn