Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD114544 Datasheet(PDF) 2 Page - Sensitron

Part # SHD114544
Description  POWER SCHOTTKY RECTIFIER Low Reverse Leakage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD114544 Datasheet(HTML) 2 Page - Sensitron

  SHD114544 Datasheet HTML 1Page - Sensitron SHD114544 Datasheet HTML 2Page - Sensitron SHD114544 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SENSITRON
TECHNICAL DATA
DATA SHEET 4521, REV. –
Mechanical Dimensions: in inches / mm
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
.200?010
(5.08 ?254)
.410?010
(10.4?254)
.075 (1.91) Max
Alumina Ring
.410?010
(10.4?254)
.550?020
(14.0?508)
Moly Lid
Moly Base
(Cathode)
.060?010
(1.52?254)
.020?002
(.508?051)
.020?005 R
(.508?127 )
Moly Anode
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060? 010
(1.52? 254)
.015? 002
(.381? 051)
.020? 005 R
(.508? 127 )
.410? 010
(10.4? 254)
.150? 010
(3.81? 254)
.560? 020
(14.2? 508)
.410? 010
(10.4? 254)
.015? 005
(.381? 127)
Copper Anode
SHD-3B
SHD114544
SHD114544A
SHD114544B
.075 (1.91)
.410±.010
(10.4±.254)
Moly
Moly
.410±.010
(10.4±.254)
Alumina
SHD-3
SHD-3A
Vf Curves shown are for die only.
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - V
F (V)
10
-2
10
-1
10
0
10
1
10
2
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
200
400
600
800
1000
1200
1400
Typical Junction Capacitance
25 °C


Similar Part No. - SHD114544

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114546 SENSITRON-SHD114546 Datasheet
92Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD114546 SENSITRON-SHD114546 Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD114546A SENSITRON-SHD114546A Datasheet
92Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD114546A SENSITRON-SHD114546A Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD114546B SENSITRON-SHD114546B Datasheet
92Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature Very Low Forward Voltage Drop
More results

Similar Description - SHD114544

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114222 SENSITRON-SHD114222 Datasheet
124Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114236 SENSITRON-SHD114236 Datasheet
121Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114236 SENSITRON-SHD114236_08 Datasheet
64Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114436 SENSITRON-SHD114436_08 Datasheet
64Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114246 SENSITRON-SHD114246 Datasheet
121Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114468 SENSITRON-SHD114468 Datasheet
52Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114434 SENSITRON-SHD114434_08 Datasheet
63Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114536 SENSITRON-SHD114536_08 Datasheet
63Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD123636P SENSITRON-SHD123636P Datasheet
83Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114645 SENSITRON-SHD114645 Datasheet
67Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114411 SENSITRON-SHD114411 Datasheet
123Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com