Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SHD115422 Datasheet(PDF) 2 Page - Sensitron

Part No. SHD115422
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

SHD115422 Datasheet(HTML) 2 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •
SENSITRON
DATA SHEET 576, REV. A
MECHANICAL DIMENSIONS: In Inches / mm
SHD115422
SHD115422B
SHD-2B
SHD-2
.075 (1.91) Max
.315±.010
(8.00±.254)
Moly Lid
Moly Base
.315±.010
(8.00±.254)
Alumina Ring
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
.315±.010
(8.00±.254)
.150±.010
(3.81±.254)
.465±.020
(11.8±.508)
.315±.010
(8.00±.254)
.015±.005
(.381±.127)
Copper Anode
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - VF (V)
101
102
Typical Forward Characteristics
125 °C
175 °C
25 °C
0
1020
304050
Reverse Voltage - VR (V)
10-3
10-2
10-1
100
101
102
103
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
175 °C
0
1020304050
Reverse Voltage - VR (V)
200
400
600
800
1000
1200
1400
1600
Typical Junction Capacitance


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn