Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SHD115422 Datasheet(PDF) 1 Page - Sensitron

Part No. SHD115422
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

SHD115422 Datasheet(HTML) 1 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 576, REV. A
HERMETIC POWER SCHOTTKY RECTIFIER
Very Low Forward Voltage Drop
DESCRIPTION: 45 VOLT, 30 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-2/2B PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
45
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC = 100 OC)
IO
30
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT (t = 8.3ms, Sine)
IFSM
570
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
1600
pF
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
RθJC
0.50
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 30 Amps)
TJ = 25 °C
TJ = 125 °C
Vf
0.64
0.57
Volts
MAXIMUM REVERSE CURRENT (Ir @ 45 V PIV)
TJ = 25 °C
TJ = 125 °C
Ir
0.8
30
mA
SHD115422
SHD115422B


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn