Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CHV2710-0000 Datasheet(PDF) 3 Page - Mimix Broadband

Part # PB-CHV2710-0000
Description  2.5 GHz InGaP HBT 5W Linear Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CHV2710-0000 Datasheet(HTML) 3 Page - Mimix Broadband

  PB-CHV2710-0000 Datasheet HTML 1Page - Mimix Broadband PB-CHV2710-0000 Datasheet HTML 2Page - Mimix Broadband PB-CHV2710-0000 Datasheet HTML 3Page - Mimix Broadband PB-CHV2710-0000 Datasheet HTML 4Page - Mimix Broadband PB-CHV2710-0000 Datasheet HTML 5Page - Mimix Broadband PB-CHV2710-0000 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
May 2006 - Rev 24-May-06
Page 3 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CHV2710-QJ
2.5 GHz InGaP HBT
5W Linear Power Amplifier
Recommended Board Schematic
Recommended Board Layout
TLIN
TL5
E=40
Z=50 Ohm
TLIN
TL6
E=90
Z=60 Ohm
TLIN
TL4
E=85
Z=60 Ohm
TLIN
TL3
E=85
Z=60 Ohm
TLIN
TL1
E=28
Z=50 Ohm
TLIN
TL2
E=30
Z=18 Ohm
C
C7
C=100 uF
C
C8
C=10 nF
C
C3
C=1.6 pF
C
C1
C=6.8 pF
C
C4
C=1.6 pF
C
C9
C=4.7 pF
C
C6
C=100 uF
C
C5
C=10 nF
C
C11
C=10 nF
C
C10
C=2.2 pF
Port
RFIN
Port
RFOUT
Port
VCC_
Port
VCC
Port
VCONTROL
C
C2
C=1.5 pF
12 mil RO4003


Similar Part No. - PB-CHV2710-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CHV2710-0000 MIMIX-PB-CHV2710-0000 Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
PB-CHV2710-0000 MIMIX-PB-CHV2710-0000 Datasheet
346Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
More results

Similar Description - PB-CHV2710-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ_0610 MIMIX-CHV2710-QJ_0610 Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2711-QJ MIMIX-CHV2711-QJ Datasheet
365Kb / 6P
   3.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
RMPA2456 FAIRCHILD-RMPA2456 Datasheet
935Kb / 8P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2458 FAIRCHILD-RMPA2458 Datasheet
944Kb / 8P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2455 FAIRCHILD-RMPA2455 Datasheet
596Kb / 10P
   2.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier
RMPA2458_059 FAIRCHILD-RMPA2458_059 Datasheet
955Kb / 9P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5514 MICROSEMI-LX5514 Datasheet
92Kb / 2P
   InGaP HBT 2.3 - 2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com