Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CGB7015-SP-0000 Datasheet(PDF) 5 Page - Mimix Broadband

Part # PB-CGB7015-SP-0000
Description  DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CGB7015-SP-0000 Datasheet(HTML) 5 Page - Mimix Broadband

  PB-CGB7015-SP-0000 Datasheet HTML 1Page - Mimix Broadband PB-CGB7015-SP-0000 Datasheet HTML 2Page - Mimix Broadband PB-CGB7015-SP-0000 Datasheet HTML 3Page - Mimix Broadband PB-CGB7015-SP-0000 Datasheet HTML 4Page - Mimix Broadband PB-CGB7015-SP-0000 Datasheet HTML 5Page - Mimix Broadband PB-CGB7015-SP-0000 Datasheet HTML 6Page - Mimix Broadband PB-CGB7015-SP-0000 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
May 2006 - Rev 23-May-06
Page 5 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Typical Scattering Parameters
(Vd = +4.8V, Icc = 95 mA, T = 23°C, device in a 50 ohm system)
DC-8.0 GHz InGaP HBT, MMIC or Packaged,
Matched Gain Block Amplifier
CGB7015-SC (-BD)
Frequency
S 11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
5100
0.11
61
4.4
-73
0.14
-72
0.26
41
5200
0.12
54
4.3
-77
0.14
-74
0.27
37
5300
0.13
48
4.3
-81
0.14
-77
0.28
34
5400
0.13
41
4.2
-85
0.14
-80
0.30
31
5500
0.14
34
4.1
-89
0.14
-83
0.31
27
5600
0.15
28
4.0
-92
0.14
-86
0.32
23
5700
0.16
22
3.9
-96
0.14
-89
0.33
20
5800
0.17
16
3.9
-101
0.15
-92
0.35
17
5900
0.18
10
3.8
-105
0.15
-94
0.36
13
6000
0.19
5
3.7
-108
0.15
-97
0.37
10
6100
0.21
0
3.6
-113
0.15
-100
0.38
6
6200
0.22
-5
3.5
-117
0.15
-103
0.40
3
6300
0.23
-10
3.5
-121
0.15
-106
0.41
-1
6400
0.24
-15
3.4
-124
0.15
-109
0.43
-4
6500
0.25
-20
3.3
-129
0.15
-112
0.44
-7
6600
0.27
-25
3.2
-132
0.15
-115
0.45
-11
6700
0.28
-29
3.2
-136
0.15
-118
0.47
-14
6800
0.29
-34
3.1
-140
0.15
-121
0.48
-17
6900
0.30
-38
3.0
-144
0.15
-124
0.50
-20
7000
0.32
-42
2.9
-148
0.15
-127
0.51
-24
7100
0.33
-46
2.9
-152
0.15
-130
0.52
-27
7200
0.34
-51
2.8
-156
0.15
-133
0.54
-30
7300
0.35
-54
2.7
-160
0.15
-136
0.55
-33
7400
0.36
-58
2.6
-164
0.15
-139
0.56
-36
7500
0.37
-62
2.6
-168
0.15
-142
0.57
-39
7600
0.38
-66
2.5
-172
0.14
-145
0.58
-42
7700
0.39
-70
2.4
-175
0.14
-148
0.60
-45
7800
0.40
-74
2.4
-179
0.14
-150
0.61
-48
7900
0.41
-77
2.3
177
0.14
-153
0.62
-51
8000
0.42
-81
2.2
174
0.14
-156
0.63
-54
8100
0.42
-85
2.2
170
0.14
-159
0.64
-56
8200
0.43
-88
2.1
166
0.14
-161
0.64
-59
8300
0.44
-91
2.1
163
0.14
-164
0.65
-62
8400
0.44
-95
2.0
159
0.13
-167
0.66
-64
8500
0.44
-98
1.9
155
0.13
-169
0.67
-67
8600
0.45
-102
1.9
152
0.13
-172
0.68
-70
8700
0.45
-105
1.8
148
0.13
-174
0.68
-72
8800
0.45
-108
1.8
145
0.13
-177
0.69
-74
8900
0.45
-111
1.7
141
0.13
-179
0.69
-77
9000
0.45
-114
1.7
138
0.12
178
0.70
-79
9100
0.46
-118
1.6
134
0.12
176
0.70
-82
9200
0.45
-121
1.6
131
0.12
173
0.71
-84
9300
0.45
-124
1.5
128
0.12
171
0.71
-86
9400
0.45
-127
1.5
124
0.12
168
0.72
-88
9500
0.45
-130
1.5
121
0.12
166
0.72
-90
9600
0.44
-133
1.4
117
0.12
164
0.72
-92
9700
0.44
-136
1.4
114
0.11
162
0.73
-95
9800
0.44
-140
1.3
111
0.11
159
0.73
-97
9900
0.43
-143
1.3
107
0.11
157
0.73
-99
10000
0.42
-146
1.3
104
0.11
155
0.74
-101
S-Parameter Data Files are available on-line at: www.mimixbroadband.com


Similar Part No. - PB-CGB7015-SP-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CGB7015-SP-0000 MIMIX-PB-CGB7015-SP-0000 Datasheet
221Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results

Similar Description - PB-CGB7015-SP-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7016-SC MIMIX-CGB7016-SC Datasheet
218Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7017-SC_0609 MIMIX-CGB7017-SC_0609 Datasheet
244Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-SC_0609 MIMIX-CGB7014-SC_0609 Datasheet
387Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7015-SC_0609 MIMIX-CGB7015-SC_0609 Datasheet
221Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC Datasheet
382Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7017-SC MIMIX-CGB7017-SC Datasheet
239Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7017-SC MIMIX-CGB7017-SC_07 Datasheet
229Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com