Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7016-SC-0G0T Datasheet(PDF) 6 Page - Mimix Broadband

Part # CGB7016-SC-0G0T
Description  DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7016-SC-0G0T Datasheet(HTML) 6 Page - Mimix Broadband

  CGB7016-SC-0G0T Datasheet HTML 1Page - Mimix Broadband CGB7016-SC-0G0T Datasheet HTML 2Page - Mimix Broadband CGB7016-SC-0G0T Datasheet HTML 3Page - Mimix Broadband CGB7016-SC-0G0T Datasheet HTML 4Page - Mimix Broadband CGB7016-SC-0G0T Datasheet HTML 5Page - Mimix Broadband CGB7016-SC-0G0T Datasheet HTML 6Page - Mimix Broadband CGB7016-SC-0G0T Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
May 2006 - Rev 23-May-06
Page 6 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Application Circuit
Evaluation Board - SC Package (SOT-89)
2
RF IN
Vs
RF OUT
C1
C2
Note: This schematic represents the topology of the application circuit recommended by Mimix.
L1
R Bias = (Vs - Vd) / Id
4
3
1
Vd
R1
C3
Recommended Bias Resistor Values for ID = 78 mA
Supply Voltage (V)
5V
7V
8V
10V
Rbias (R1 Description: 1206 1/4W 1%) 12
37
50
——
Rbias (R1 Description: 1210 1/2W 1%)
Note: Rbias provides DC bias stability over temperature.
76
Ref Designator
Value
Description
Size
C1, C2
1000 pF
MCH185A101JK
0805
C3
1.0 F
VITR 1.0 F 25V CER
0805
CAP 0805 X7R 10%
L1
56 nH
Coilcraft 0603 CS 10%
0603
0
1
2
1
/
6
0
2
1
d
I
/
)
d
V
-
s
V
(
=
s
a
i
B
R
1
R
A
/
N
)
e
c
a
l
P
t
o
N
o
D
(
P
N
D
4
C
DC-8.0 GHz InGaP HBT, MMIC or Packaged,
Matched Gain Block Amplifier
CGB7016-SC (-BD)
Physical Dimensions - SC Package (SOT-89)
12
3
4
XXXXXXX
XXXXXX
ZYYWW
DIMENSIONS IN MILLIMETERS
[INCHES]
4.50
[0.177]
1.73
[0.068]
0.46
[0.18]
3X
1.50
[0.059]
3.00
[0.118]
0.76
[0.030]
0.38
[0.015]
0.38
[0.015]
4.41
[0.163]
1.55
[0.061]
2.50
[0.096]
0.71
[0.028]
MARKINGS:
XXXXXXX = MIMIX MODEL NO.
XXXXXX = WAFER LOT NO.
ZYYWW = DATE CODE (YR/WEEK)
FIRST LETTER COUNTRY OF ORIGIN IF OTHER THAT USA
0.99
[0.039]
0.58
[0.023]
0.64
[0.025]
0.86
[0.034]
1.27
[0.050]
3.48
[0.137]
5.33
[0.210]
3.86
[0.152]
1.70
[0.067]
2.06
[0.081]
0.41
[0.016]


Similar Part No. - CGB7016-SC-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7016-SC-0G0T MIMIX-CGB7016-SC-0G0T Datasheet
222Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results

Similar Description - CGB7016-SC-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7015-SC MIMIX-CGB7015-SC Datasheet
216Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7017-SC_0609 MIMIX-CGB7017-SC_0609 Datasheet
244Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-SC_0609 MIMIX-CGB7014-SC_0609 Datasheet
387Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7015-SC_0609 MIMIX-CGB7015-SC_0609 Datasheet
221Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC Datasheet
382Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7017-SC MIMIX-CGB7017-SC Datasheet
239Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7017-SC MIMIX-CGB7017-SC_07 Datasheet
229Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com