Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7012-SC Datasheet(PDF) 5 Page - Mimix Broadband

Part No. CGB7012-SC
Description  DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7012-SC Datasheet(HTML) 5 Page - Mimix Broadband

  CGB7012-SC Datasheet HTML 1Page - Mimix Broadband CGB7012-SC Datasheet HTML 2Page - Mimix Broadband CGB7012-SC Datasheet HTML 3Page - Mimix Broadband CGB7012-SC Datasheet HTML 4Page - Mimix Broadband CGB7012-SC Datasheet HTML 5Page - Mimix Broadband CGB7012-SC Datasheet HTML 6Page - Mimix Broadband CGB7012-SC Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
May 2006 - Rev 23-May-06
DC-6.0 GHz InGaP HBT, MMIC or Packaged,
Matched Gain Block Amplifier
Page 5 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7012-SC (-BD)
Typical Scattering Parameters
(Vd = +5.48V, Icc = 81 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
5100
0.260
130.30
4.10
-47.85
0.199
-82.00
0.177
129.80
5200
0.261
125.30
4.08
-51.96
0.202
-84.51
0.181
123.40
5300
0.262
119.80
4.06
-56.14
0.206
-87.03
0.186
116.40
5400
0.263
113.80
4.04
-60.40
0.209
-89.72
0.192
109.00
5500
0.265
107.60
4.02
-64.64
0.212
-92.39
0.197
101.40
5600
0.268
101.60
4.00
-68.89
0.215
-95.14
0.204
94.40
5700
0.271
95.22
3.98
-73.21
0.219
-97.93
0.213
87.51
5800
0.274
88.84
3.96
-77.61
0.222
-100.80
0.223
80.07
5900
0.276
81.84
3.94
-82.05
0.225
-103.80
0.234
72.50
6000
0.281
74.69
3.91
-86.47
0.228
-106.70
0.247
65.27
6100
0.287
67.52
3.89
-90.97
0.232
-109.80
0.261
58.12
6200
0.294
60.50
3.86
-95.52
0.234
-112.90
0.276
51.22
6300
0.301
53.44
3.83
-100.10
0.237
-116.10
0.292
44.65
6400
0.308
46.10
3.80
-104.70
0.239
-119.300.311
38.22
6500
0.317
38.633.77
-109.40
0.242
-122.60
0.330
31.66
6600
0.328
31.38
3.73
-114.10
0.243
-125.90
0.350
25.34
6700
0.340
24.533.69
-118.80
0.245
-129.20
0.370
19.41
6800
0.351
17.77
3.64
-123.50
0.246
-132.60
0.390
13.68
6900
0.362
10.98
3.60
-128.20
0.247
-136.00
0.412
8.13
7000
0.375
3.933.55
-133.00
0.248
-139.50
0.434
2.41
7100
0.389
-2.94
3.49
-137.80
0.248
-143.00
0.457
-3.17
7200
0.403
-9.28
3.43
-142.70
0.247
-146.40
0.478
-8.74
7300
0.416
-15.41
3.36
-147.40
0.247
-149.90
0.498
-13.88
7400
0.428
-21.57
3.30
-152.20
0.246
-153.30
0.518
-18.91
7500
0.440
-27.79
3.23
-156.90
0.245
-156.90
0.539-23.95
7600
0.454
-33.91
3.16
-161.60
0.243
-160.30
0.560
-29.08
7700
0.468
-39.66
3.08
-166.40
0.240
-163.60
0.579
-34.03
7800
0.480
-44.95
3.00
-170.90
0.238
-167.00
0.596
-38.74
7900
0.491
-50.24
2.92
-175.50
0.235
-170.30
0.613
-43.24
8000
0.500
-55.61
2.85
179.90
0.232
-173.40
0.629
-47.62
8100
0.511
-60.92
2.76
175.40
0.229
-176.80
0.645
-52.06
8200
0.522
-65.91
2.68
170.90
0.226
-179.90
0.660
-56.47
8300
0.531
-70.45
2.59
166.60
0.222
177.10
0.674
-60.57
8400
0.537
-74.80
2.52
162.50
0.218
174.10
0.685
-64.48
8500
0.541
-79.28
2.44
158.20
0.215
171.20
0.696
-68.27
8600
0.545
-83.82
2.36
154.00
0.211
168.30
0.707
-72.02
8700
0.552
-88.16
2.29
149.90
0.207
165.40
0.716
-75.79
8800
0.557
-92.05
2.21
145.90
0.203
162.80
0.725
-79.36
8900
0.558
-95.76
2.14
142.00
0.199
160.30
0.732
-82.68
9000
0.558
-99.57
2.07
138.20
0.196
157.60
0.738
-85.93
9100
0.514
-104.50
2.01
132.60
0.192
155.30
0.744
-89.22
9200
0.558
-107.60
1.94
130.40
0.188
152.60
0.750
-92.37
9300
0.511
-112.00
1.87
124.80
0.185
150.40
0.755
-95.62
9400
0.508
-115.30
1.81
121.10
0.181
148.00
0.761
-98.68
9500
0.504
-118.50
1.74
117.50
0.178
145.50
0.763
-101.40
9600
0.495
-121.90
1.68
113.70
0.174
143.30
0.766
-104.30
9700
0.491
-125.50
1.62
109.90
0.171
141.20
0.770
-107.20
9800
0.489
-128.60
1.56
106.50
0.168
138.90
0.773
-109.90
9900
0.483
-131.30
1.51
103.00
0.165
136.70
0.774
-112.60
10000
0.475
-133.80
1.46
99.63
0.162
134.90
0.776
-115.20
S-Parameter Data Files are available on-line at: www.mimixbroadband.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn