Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD52624 Datasheet(PDF) 2 Page - Sensitron

Part # SHD52624
Description  FIXED NEGATIVE 5.0 VOLT 1.5 AMP REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD52624 Datasheet(HTML) 2 Page - Sensitron

  SHD52624 Datasheet HTML 1Page - Sensitron SHD52624 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX 631 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SHD52624
DATASHEET 202
REVISION -
MECHANICAL DIMENSIONS
TO-257
12
3
.200
.190
(5.08
4.82)
.045
.035
(1.14
0.89)
.120(3.05) BSC
.430
.410
(10.92
10.41)
.420
.410
(10.67
10.41)
.665
.645
(16.89
16.38)
.537
.527
(13.64
13.39)
1.132
1.032
(28.75
26.21)
.035
.025
(0.89
0.63)
3 Places
.100(2.54) BSC
2 Places
.150
.140
(3.81
3.56)
Dia.
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
TO - 257, -5V Regulator
GROUND
VIN
VOUT
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the
datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical
equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by means of users’
fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation of
the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any
other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use at
a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of Sensitron
Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder
maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When
exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations.


Similar Part No. - SHD52624

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD526201 SENSITRON-SHD526201 Datasheet
58Kb / 2P
   LOW DROP NEGATIVE 5V 1.0 AMP REGULATOR
SHD526201 SENSITRON-SHD526201 Datasheet
43Kb / 2P
   LOW DROP NEGATIVE 5V 1.0 AMP REGULATOR
SHD526201 SENSITRON-SHD526201_11 Datasheet
58Kb / 2P
   LOW DROP NEGATIVE 5V 1.0 AMP REGULATOR
SHD52622 SENSITRON-SHD52622 Datasheet
42Kb / 2P
   FIXED POSITIVE 5.0 VOLT REGULATOR
SHD52626 SENSITRON-SHD52626 Datasheet
43Kb / 2P
   FIXED NEGATIVETIVE 1.5 AMP 15 VOLT REGULATOR
More results

Similar Description - SHD52624

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD526022 SENSITRON-SHD526022 Datasheet
43Kb / 2P
   FIXED NEGATIVE 12.0 VOLT 1.5 AMP REGULATOR
SHD519023 SENSITRON-SHD519023 Datasheet
42Kb / 2P
   FIXED NEGATIVE 1.5 AMP 15 VOLT REGULATOR
SHD519021 SENSITRON-SHD519021 Datasheet
109Kb / 2P
   FIXED NEGATIVE 5.0 VOLT 1.5A REGULATOR
SHD526012 SENSITRON-SHD526012 Datasheet
59Kb / 3P
   FIXED POSITIVE 1.5 AMP 12 VOLT REGULATOR
SHD526013A SENSITRON-SHD526013A Datasheet
49Kb / 2P
   POSITIVE FIXED 15 VOLT 1.5 AMP REGULATOR
SHD52626 SENSITRON-SHD52626 Datasheet
43Kb / 2P
   FIXED NEGATIVETIVE 1.5 AMP 15 VOLT REGULATOR
SHD501603 SENSITRON-SHD501603 Datasheet
56Kb / 3P
   DUAL FIXED /- 15.0 VOLT 1.5 AMP VOLTAGE REGULATOR
SHD526011 SENSITRON-SHD526011 Datasheet
43Kb / 2P
   FIXED POSITIVE 5.0 VOLT REGULATOR
SHD526011 SENSITRON-SHD526011_08 Datasheet
42Kb / 2P
   FIXED POSITIVE 5.0 VOLT REGULATOR
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com