Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7005-SC Datasheet(PDF) 5 Page - Mimix Broadband

Part No. CGB7005-SC
Description  DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7005-SC Datasheet(HTML) 5 Page - Mimix Broadband

  CGB7005-SC Datasheet HTML 1Page - Mimix Broadband CGB7005-SC Datasheet HTML 2Page - Mimix Broadband CGB7005-SC Datasheet HTML 3Page - Mimix Broadband CGB7005-SC Datasheet HTML 4Page - Mimix Broadband CGB7005-SC Datasheet HTML 5Page - Mimix Broadband CGB7005-SC Datasheet HTML 6Page - Mimix Broadband CGB7005-SC Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
May 2006 - Rev 23-May-06
DC-6.0 GHz InGaP HBT, MMIC or Packaged,
Matched Gain Block Amplifier
Page 5 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7005-SC (-BD)
Typical Scattering Parameters
(Vd = +4.15V, Icc = 61 mA, T = 23°C, device in a 50 ohm system)
Frequency
S
11
S
21
S
12
S
22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
5100
0.214
103.30
4.81
-70.61
0.162
-85.61
0.163
55.60
5200
0.215
96.45
4.75
-74.87
0.164
-88.60
0.172
49.58
5300
0.217
89.12
4.69
-79.25
0.167
-91.68
0.186
43.71
5400
0.221
81.08
4.63
-83.69
0.169
-94.88
0.200
37.34
5500
0.226
73.02
4.56
-88.08
0.172
-98.04
0.215
31.12
5600
0.232
65.24
4.50
-92.47
0.174
-101.20
0.229
25.49
5700
0.240
57.44
4.44
-96.98
0.176
-104.60
0.246
20.26
5800
0.249
49.53
4.38
-101.60
0.178
-108.00
0.264
14.56
5900
0.259
41.22
4.30
-106.10
0.179
-111.40
0.284
8.86
6000
0.271
33.24
4.23
-110.70
0.181
-114.80
0.304
3.61
6100
0.286
25.66
4.16
-115.30
0.182
-118.300.325
-1.54
6200
0.300
18.46
4.08
-119.90
0.183
-121.80
0.346
-6.54
6300
0.315
11.28
4.01
-124.50
0.184
-125.300.367
-11.43
6400
0.331
4.04
3.93
-129.20
0.184
-128.90
0.389
-16.17
6500
0.349
-2.90
3.84
-133.90
0.185
-132.50
0.412
-20.99
6600
0.368
-9.33
3.75
-138.50
0.185
-136.10
0.434
-25.65
6700
0.386
-15.29
3.67
-143.10
0.185
-139.60
0.455
-30.14
6800
0.404
-21.22
3.58
-147.70
0.184
-143.20
0.476
-34.47
6900
0.421
-27.17
3.49
-152.30
0.183
-146.80
0.496
-38.81
7000
0.440
-33.06
3.39
-156.90
0.182
-150.40
0.518
-43.21
7100
0.459
-38.62
3.29
-161.40
0.180
-153.90
0.538
-47.40
7200
0.477
-43.70
3.20
-165.80
0.179
-157.40
0.557
-51.69
7300
0.493
-48.72
3.11
-170.30
0.177
-160.80
0.574
-55.75
7400
0.508
-53.833.01
-174.70
0.175
-164.20
0.591
-59.68
7500
0.524
-58.82
2.91
-179.00
0.173
-167.70
0.608
-63.66
7600
0.540
-63.55
2.82
176.70
0.170
-170.90
0.624
-67.57
7700
0.555
-68.01
2.72
172.50
0.168
-174.10
0.639
-71.29
7800
0.567
-72.18
2.63
168.50
0.165
-177.30
0.652
-74.92
7900
0.579
-76.35
2.54
164.40
0.163
179.60
0.664
-78.40
8000
0.589
-80.64
2.46
160.30
0.160
176.60
0.676
-81.79
8100
0.601
-84.73
2.37
156.40
0.157
173.50
0.688
-85.25
8200
0.612
-88.46
2.28
152.60
0.154
170.60
0.699
-88.48
8300
0.621
-91.94
2.20
148.90
0.152
167.80
0.709
-91.59
8400
0.628
-95.33
2.13
145.30
0.149
165.00
0.717
-94.63
8500
0.634
-98.91
2.06
141.60
0.147
162.20
0.724
-97.60
8600
0.640
-102.50
1.98
137.90
0.144
159.30
0.731
-100.50
8700
0.647
-105.90
1.92
134.40
0.141
156.70
0.738
-103.40
8800
0.654
-108.90
1.85
131.00
0.138
154.30
0.744
-106.20
8900
0.656
-111.80
1.79
127.60
0.136
151.90
0.748
-108.70
9000
0.658
-114.90
1.73
124.30
0.134
149.40
0.753
-111.40
9100
0.660
-118.10
1.68
120.90
0.132
146.80
0.757
-114.00
9200
0.663
-121.30
1.62
117.50
0.129
144.40
0.761
-116.40
9300
0.666
-124.10
1.57
114.30
0.127
142.10
0.765
-118.90
9400
0.668
-126.70
1.52
111.10
0.125
139.80
0.769
-121.40
9500
0.667
-129.40
1.47
107.90
0.123
137.40
0.770
-123.60
9600
0.666
-132.30
1.43
104.80
0.121
135.10
0.773
-126.00
9700
0.666
-135.20
1.38
101.60
0.119
132.70
0.776
-128.30
9800
0.668
-137.90
1.34
98.51
0.117
130.50
0.778
-130.50
9900
0.668
-140.20
1.29
95.57
0.115
128.40
0.780
-132.70
10000
0.665
-142.40
1.26
92.60
0.113
126.40
0.782
-134.80
S-Parameter Data Files are available on-line at: www.mimixbroadband.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn