Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD275SCU100A Datasheet(PDF) 1 Page - Sensitron

Part # SD275SCU100A
Description  SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD275SCU100A Datasheet(HTML) 1 Page - Sensitron

  SD275SCU100A Datasheet HTML 1Page - Sensitron SD275SCU100A Datasheet HTML 2Page - Sensitron SD275SCU100A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court • Deer Park, NY 11729-4681 • (631) 586-7600 • Fax (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 244, REV. B
SILICON SCHOTTKY RECTIFIER DIE
Ultra Low Reverse Leakage
200
°C Operating Temperature
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Ultra low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Out Performs 100 Volt Ultrafast Rectifiers
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
100
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
120
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(1)
1650
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 1.3 A,
L = 24 mH
19.0
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1 µs
ƒ limited by T
J max VA=1.5VR
1.3
A
Max. Junction Temperature
TJ
-
-65 to +200
°C
Max. Storage Temperature
Tstg
-
-65 to +200
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 120A, Pulse, TJ = 25 °C
0.87
V
VF2
@ 120A, Pulse, TJ = 125 °C
0.72
V
Max. Reverse Current
IR1
@VR = 100V, Pulse,
TJ = 25 °C
60
mA
IR2
@VR = 100V, Pulse,
TJ = 125 °C
6.0
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
3000
pF
(1) in SHD package
SD275SCU100A/B/C


Similar Part No. - SD275SCU100A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD275SC100A SENSITRON-SD275SC100A Datasheet
190Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD275SC100B SENSITRON-SD275SC100B Datasheet
190Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD275SC100C SENSITRON-SD275SC100C Datasheet
190Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD275SC150A SENSITRON-SD275SC150A Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD275SC150B SENSITRON-SD275SC150B Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
More results

Similar Description - SD275SCU100A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD275SC150A SENSITRON-SD275SC150A Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD200SC150A SENSITRON-SD200SC150A Datasheet
60Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD125SCU100A SENSITRON-SD125SCU100A Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126134 SENSITRON-SHD126134 Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126434 SENSITRON-SHD126434_08 Datasheet
58Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126144 SENSITRON-SHD126144 Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126434 SENSITRON-SHD126434 Datasheet
166Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126034 SENSITRON-SHD126034_08 Datasheet
57Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126436 SENSITRON-SHD126436_08 Datasheet
58Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126134 SENSITRON-SHD126134_08 Datasheet
59Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com