Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM200-042-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADM200-042-8
Description  Related Products: Motor Operated Auto Drain
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ADM200-042-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADM200-042-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Caution
Precautions
Construction/Dimensions
Component Parts
Replacement Parts
Model/Specifications
Mounting
1. If the valve becomes clogged with debris,
press the manual button to flush out the
debris. Failure to observe this precaution
could lead to malfunctions.
Maintenance
1. Install this product after discharging the
drainage that has already accumulated in
the tank. Failure to observe this precaution
could lead to malfunctions.
2. Install this product, so that its drain port
faces
down.
Failure
to
observe
this
precaution could lead to malfunctions.
1. Provide a stop valve before ADM200 to
facilitate maintenance and inspection.
Mounting Example
ADM200
100 VAC
Hz
1
3
4
5
6
7
2
Voltage
OUT
IN
Symbol
04
03
Port size
2 sec/min (1 cycle/min) /3.7 to 37 kW
4 sec/min (2 cycle/min) /37 to 75 kW
6 sec/min (3 cycle/min) /75 to 110 kW
8 sec/min (4 cycle/min) /220 to 370 kW
Nil
6
8
4
Operating time/
Applicable compressor
3 8
3 8
1 2
3 8
50 60
200 VAC
Hz
50 60
240 VAC
Hz
50 60
110 VAC
Hz
50 60
220 VAC
Hz
50 60
24 VDC
12 VDC
Fluid
Max. operating pressure
Proof pressure
Ambient and fluid temperature
Operating cycle∗
Operating time
Power source
Model
Air
1.0 MPa
1.5 MPa
100, 200 VAC
Hz, Other
4 W
IN: Rc
,
OUT: Rc
550 g
–5 to 60
°C (No freezing)
1 cycle in a minute (Standard)
2 sec./cycle (Standard)
Power consumption
Port size
Weight
∗ If the operating cycle is twice in a minute (op. time 2 sec. x 2) operating time is 4 sec. each minute.
3 8
3 8
1 2
50 60
No.
w
q
Description
ADC12
ADC12
Material
Chrome treated
Chrome treated
Note
Cap
Body
No.
r
eNote)
Description
SCS13
Material
812PG-voltage
Operating time
201324 (Nil)
201325 (4)
201326 (6)
201327 (8)
Part no.
Cam
t
C3604B
20137-1A
Valve assembly
y
NBR
S-16
O-ring
Motor
Reliably discharges even highly
viscous drainage
Highly resistant to dust and highly viscous
drainage, the valve opens and closes
reliably to discharge the drainage.
Large drain discharge capacity
With a large discharge port, a large
amount of drainage can be discharged in a
single operation.
Elimination of residual drainage from inside
of the tank and pipes prevents the
generation of foreign matter as a result of
dried
rust
or
drainage,
which
could
adversely affect the equipment located on
the outlet side.
Low power consumption: 4 W
A long pipe can also be connected to the
discharge port.
It
can
be
connected
directly
to
a
compressor.
ADM200-
-
Related Products: Motor Operated Auto Drain
Series
ADM200
Compressor
Aftercooler
Air tank
Main line filter
Air dryer
Set screw
Manual button
Note) Motor port no. in the case of 100 VAC: 812PG-100VAC
How to Order
Warning
Caution
Be sure to read before handling.
Refer to pages 14-21-3 to 4 for Safety
Instructions and Common Precau-
tions on the products mentioned in
this catalog, and refer to pages 14-14-
6 to 8 for Precautions on every series.
14-20-50
1


Similar Part No. - ADM200-042-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202 AD-ADM202 Datasheet
305Kb / 6P
   High Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV. 0
ADM202 AD-ADM202 Datasheet
127Kb / 6P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM202 AD-ADM202 Datasheet
120Kb / 6P
   High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV. A
ADM202 AD-ADM202 Datasheet
255Kb / 10P
   High Speed, 5 V, 0.1 μF CMOS RS-232 Driver/Receiver
Rev. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
More results

Similar Description - ADM200-042-8

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7860 HAMAMATSU-C7860 Datasheet
90Kb / 4P
   DEUTERIUM LAMP RELATED PRODUCTS
logo
International Rectifier
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRLTS6342TRPBF IRF-IRLTS6342TRPBF Datasheet
232Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6342TRPBF IRF-IRL6342TRPBF Datasheet
273Kb / 8P
   Battery operated DC motor inverter MOSFET
IRFHM830PBF IRF-IRFHM830PBF Datasheet
234Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRF6201PBF IRF-IRF6201PBF_15 Datasheet
252Kb / 9P
   Battery operated DC motor inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com