Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WJ116 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part No. WJ116
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ116 Datasheet(HTML) 1 Page - CIT Relay & Switch

  WJ116 Datasheet HTML 1Page - CIT Relay & Switch WJ116 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
Switching capacity up to 10A
Low profile and narrow width
High dielectric strength
Withstands up to 10kV surge
E197851
24.7 x 10.5 x 25.1 mm
CONTACT DATA
Contact Arrangement
1A = SPST N.O.
1C = SPDT
Contact Rating
10A @ 250VAC & 30VDC
TV-5
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
300W, 2500VA
Maximum Switching Voltage
300VAC, 110VDC
Maximum Switching Current
10A
COIL DATA
Coil Voltage
VDC
Coil Resistance
Ω ± 10%
Rated
Max.
.25W
.53W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
5
6.5
100
47
3.75
0.5
6
7.8
145
68
4.50
0.6
9
11.7
325
155
6.75
0.9
12
15.6
575
270
9.00
1.2
18
23.4
1300
620
13.50
1.8
24
31.2
2310
1080
18.00
2.4
48
62.4
9210
4400
36.00
4.8
.25 & .53
15
5
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
4000V rms min. @ sea level
1000V rms min. @ sea level
Shock Resistance
200m/s
2 for 11ms
Vibration Resistance
1.50mm double amplitude 10-40Hz
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
12g
WJ116


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MS1206 CIT SWITCH 1  CIT Relay & Switch
MS2219 CIT SWITCH 1  CIT Relay & Switch
CTA1M CIT SWITCH 1  2  CIT Relay & Switch
LP4203 CIT SWITCH 1  2  CIT Relay & Switch
WJ115F3 Cit Switch 1  2  3  CIT Relay & Switch
MS1201 CIT SWITCH 1  CIT Relay & Switch
MS1218 CIT SWITCH 1  CIT Relay & Switch
MS2224 CIT SWITCH 1  CIT Relay & Switch
CTA2 CIT SWITCH 1  2  3  CIT Relay & Switch
WJ098 CIT SWITCH 1  2  CIT Relay & Switch

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn