Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8041-12-10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8041-12-10
Description  8000 SERIES / DIP REED RELAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

8041-12-10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8041-12-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8041-12-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY 55 Dupont Drive, Providence, RI 02907-3105 / (401) 943-2686 Fax (401) 942-0920
23
Model Number
8001
8002
8021
8041
Parameters
Test Conditions
Units
1 Form A
2 Form A
1 Form B
1 Form C
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
5
12
5
12
5
12
5
12
Max. Coil Voltage
VDC
6.5
15
6.5
15
6.5
15
6.5
15
6.5
15
Coil Resistance
+/- 10%, 25° C
500
500
200
500
200
500
200
500
200
500
Operate Voltage
Must Operate by
VDC - Max.
3.8
9.6
3.8
9.6
3.8
9.6
3.8
9.6
3.8
9.6
Release Voltage
Must Release by
VDC - Min.
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
200
100
100
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
0.5
0.25
0.25
Carry Current
Max DC/Peak AC Resist.
Amps
1.0
1.0
1.0
0.5
0.5
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
10
33
Life Expectancy-Typical
1
Signal Level 1.0V,10mA
x 10
6 Ops.
500
500
500
100
100
Static Contact Resistance
(max. init.)
50mV, 10mA
0.150
0.150
0.150
0.200
0.200
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
0.200
0.200
0.200
0.250
0.250
RELAY
SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
x 10
12
x 10
12
x 10
12
x 10
10
x 10
10
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
300
1500
1500
300
1500
1500
300
1500
1500
200
1500
1500
200
1500
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.5
0.5
0.5
1.0
1.0
Release Time - Typical
No Suppression
Diode Suppression
msec.
msec.
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.5
0.5
1.5
8061
1 Form C
SMD
1 Consult factory for life expectancy
at other switching loads.
2 Molded depression on top of relay
refers to pin #1 location.
3 Optional coil suppression diode across
pins 2(+) and 6(-).
4 Optional ES Shield is tied to pins 9 & 13.
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
The operate and release voltage and the coil resistance are specified at 25°C.
These values vary by approximately 0.4%/°C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
* For SMD reed relays, maximum reflow soldering temperature is 221°C for one minute. If high temperature solder
(95% Sn / 5% Sb) is used in the relay construction, the temperature limit is 226 °C for one minute.
for through-hole relays (molded or potted), maximum wave solder temperature is 270 °C for 10 secs.


Similar Part No. - 8041-12-10

ManufacturerPart #DatasheetDescription
logo
Coto Technology
8041-12-101 COTO-8041-12-101 Datasheet
354Kb / 2P
   DIP Reed Relays
More results

Similar Description - 8041-12-10

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
   DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
   DIP Reed Relays
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
Meder Electronic
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
   DIP Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com