Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

8000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 8000
Description  8000 SERIES / DIP REED RELAYS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

8000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Catch Us on the Web! www.cotorelay.com
E-Mail us: sales@cotorelay.com
22
DIP R
DIP R
DIP R
DIP R
DIP REED
EED
EED
EED
EED
R
R
R
R
RELAYS
ELAYS
ELAYS
ELAYS
ELAYS
The 8000 Series is ideally suited to the needs of Automated Test
Equipment, Instrumentation, Data Acquisition, and Process Control
requirements. The specification tables allow you to select the appropriate
relay for your particular application. If your requirements differ from the
selection options, please consult your local representative or Coto’s
Factory to discuss a custom reed relay.
8000 S
8000 S
8000 S
8000 S
8000 SERIES
ERIES
ERIES
ERIES
ERIES
F
F
F
F
FEATURES
EATURES
EATURES
EATURES
EATURES
14 - Pin DIP Industry standard package.
High Insulation Resistance - 1012
offered on most models.
High reliability, hermetically sealed contacts for long life. Proven
to 500 million operations.
Contact forms; 1A, 2A, 1B and 1C available.
Surface mount version available.
Molded thermoset body on integral lead frame design.
Optional Electrostatic Shield for reducing capacitive coupling
offered on some models.
Coil suppression diode available upon request.
High Voltage Breakdown versions available.
Dimensions in Inches (Millimeters)
(For Model #’s 8001, 8002, 8021 & 8041)
(For Model # 8061)
3
4
3
4
2
2


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSS71A05DIP 14 SERIES REED RELAYS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
832A-583 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 1 2 List of Unclassifed Manufacturers
8L00Spartan DIP Reed Relays 1 2 List of Unclassifed Manufacturers
101R-1A12D2SIP DIP REED RELAYS 1 2 DB Lectro Inc
SIL4SIP SERIES REED RELAYS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
6D-1A10D0ULTRAMINIATURE REED RELAYS 1 2 DB Lectro Inc
10R-1A12GSURFACE MOUNT REED RELAYS 1 2 3 4 DB Lectro Inc
17D-1A12GSURFACE MOUNT REED RELAYS 1 2 3 4 DB Lectro Inc
MZPAMiniature Relays Series M Type MZ 2 poles 10A Monostable 1 2 List of Unclassifed Manufacturers
20D-1A12E1MINIATURE REED RELAYS 1 2 DB Lectro Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn