Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

8000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 8000
Description  8000 SERIES / DIP REED RELAYS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

8000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY 55 Dupont Drive, Providence, RI 02907-3105 / (401) 943-2686 Fax (401) 942-0920
23
Model Number
8001
8002
8021
8041
Parameters
Test Conditions
Units
1 Form A
2 Form A
1 Form B
1 Form C
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
5
12
5
12
5
12
5
12
Max. Coil Voltage
VDC
6.5
15
6.5
15
6.5
15
6.5
15
6.5
15
Coil Resistance
+/- 10%, 25° C
500
500
200
500
200
500
200
500
200
500
Operate Voltage
Must Operate by
VDC - Max.
3.8
9.6
3.8
9.6
3.8
9.6
3.8
9.6
3.8
9.6
Release Voltage
Must Release by
VDC - Min.
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
200
100
100
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
0.5
0.25
0.25
Carry Current
Max DC/Peak AC Resist.
Amps
1.0
1.0
1.0
0.5
0.5
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
10
33
Life Expectancy-Typical
1
Signal Level 1.0V,10mA
x 10
6 Ops.
500
500
500
100
100
Static Contact Resistance
(max. init.)
50mV, 10mA
0.150
0.150
0.150
0.200
0.200
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
0.200
0.200
0.200
0.250
0.250
RELAY
SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
x 10
12
x 10
12
x 10
12
x 10
10
x 10
10
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
300
1500
1500
300
1500
1500
300
1500
1500
200
1500
1500
200
1500
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.5
0.5
0.5
1.0
1.0
Release Time - Typical
No Suppression
Diode Suppression
msec.
msec.
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.5
0.5
1.5
8061
1 Form C
SMD
1 Consult factory for life expectancy
at other switching loads.
2 Molded depression on top of relay
refers to pin #1 location.
3 Optional coil suppression diode across
pins 2(+) and 6(-).
4 Optional ES Shield is tied to pins 9 & 13.
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
The operate and release voltage and the coil resistance are specified at 25°C.
These values vary by approximately 0.4%/°C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
* For SMD reed relays, maximum reflow soldering temperature is 221°C for one minute. If high temperature solder
(95% Sn / 5% Sb) is used in the relay construction, the temperature limit is 226 °C for one minute.
for through-hole relays (molded or potted), maximum wave solder temperature is 270 °C for 10 secs.


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSS71A05DIP 14 SERIES REED RELAYS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
832A-583 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 1 2 List of Unclassifed Manufacturers
8L00Spartan DIP Reed Relays 1 2 List of Unclassifed Manufacturers
101R-1A12D2SIP DIP REED RELAYS 1 2 DB Lectro Inc
SIL4SIP SERIES REED RELAYS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
6D-1A10D0ULTRAMINIATURE REED RELAYS 1 2 DB Lectro Inc
10R-1A12GSURFACE MOUNT REED RELAYS 1 2 3 4 DB Lectro Inc
17D-1A12GSURFACE MOUNT REED RELAYS 1 2 3 4 DB Lectro Inc
MZPAMiniature Relays Series M Type MZ 2 poles 10A Monostable 1 2 List of Unclassifed Manufacturers
20D-1A12E1MINIATURE REED RELAYS 1 2 DB Lectro Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn