Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2106 Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2106
Description  HIGH AND LOW SIDE DRIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2106 Datasheet(HTML) 1 Page - International Rectifier

  IRS2106 Datasheet HTML 1Page - International Rectifier IRS2106 Datasheet HTML 2Page - International Rectifier IRS2106 Datasheet HTML 3Page - International Rectifier IRS2106 Datasheet HTML 4Page - International Rectifier IRS2106 Datasheet HTML 5Page - International Rectifier IRS2106 Datasheet HTML 6Page - International Rectifier IRS2106 Datasheet HTML 7Page - International Rectifier IRS2106 Datasheet HTML 8Page - International Rectifier IRS2106 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
up to 600 V
TO
LOAD
V
CC
V
B
V
S
HO
LO
COM
HIN
V
SS
LIN
V
CC
V
SS
LIN
HIN
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
up to 600 V
TO
LOAD
V
CC
LIN
HIN
Typical Connection
HIGH AND LOW SIDE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage, dV/dt immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for both channels
3.3 V, 5 V, and 15 V input logic compatible
Matched propagation delay for both channels
Logic and power ground +/- 5 V offset.
Lower di/dt gate driver for better noise immunity
Outputs in phase with inputs (IRS2106)
Packages
14-Lead SOIC
IRS2106/IRS21064(S)PbF
www.irf.com
1
Data Sheet No. PD60246 revB
(Refer to Lead Assignments for correct pin
configuration). These diagrams show electri-
cal connections only. Please refer to our
Application Notes and DesignTips for proper
circuit board layout.
Description
The IRS2106/IRS21064 are high
voltage, high speed power MOSFET
and IGBT drivers with independent
high and low side referenced output
channels. Proprietary HVIC and
latch immune CMOS technologies
enable ruggedized monolithic con-
struction.
The
logic
input
is
compatible with standard CMOS or
LSTTL output, down to 3.3 V logic.
IRS2106
IRS21064
The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction.
The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration
which operates up to 600 V.
PRELIMINARY
14-Lead PDIP
8-Lead PDIP
8-Lead SOIC
Part
Input
logic
Cross-
conduction
prevention
logic
Dead-Time
Ground Pins
Ton/Toff
2106/2301
COM
21064
HIN/LIN
no
none
VSS/COM
220/200
2108
Internal 540ns
COM
21084
HIN/LIN
yes
Programmable 0.54~5
µs
VSS/COM
220/200
2109/2302
Internal 540ns
COM
21094
IN/SD
yes
Programmable 0.54~5
µs
VSS/COM
750/200
2304
HIN/LIN
yes
Internal 100ns
COM
160/140
220/200
Feature Comparison


Similar Part No. - IRS2106

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2106 IRF-IRS2106 Datasheet
1Mb / 25P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2106 INFINEON-IRS2106 Datasheet
506Kb / 25P
   HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60246
logo
International Rectifier
IRS210614S IRF-IRS210614S Datasheet
304Kb / 15P
   HIGH AND LOW SIDE DRIVER
IRS210614S IRF-IRS210614S Datasheet
304Kb / 15P
   HIGH AND LOW SIDE DRIVER
IRS210614SPBF IRF-IRS210614SPBF Datasheet
304Kb / 15P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IRS2106

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com