Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6315EVAL1 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6315EVAL1
Description  Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6315EVAL1 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6315EVAL1 Datasheet HTML 1Page - Intersil Corporation ISL6315EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6315EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6315EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6315EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6315EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6315EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6315EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6315EVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN9222.0
February 10, 2006
Absolute Maximum Ratings
Supply Voltage, VCC, PVCC . . . . . . . . . . . . . . . . . . -0.3V to +6.25V
Absolute Boot Voltage, VBOOT . . . . . PGND - 0.3V to PGND + 27V
Phase Voltage, VPHASE . . . . . . . . . . VBOOT - 7V to VBOOT + 0.3V
Upper Gate Voltage, VUGATE . . . . VPHASE - 0.3V to VBOOT + 0.3V
Lower Gate Voltage, VLGATE. . . . . . . . PGND - 0.3V to VCC + 0.3V
Input, Output, or I/O Voltage . . . . . . . . . GND - 0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . HBM Class 1 JEDEC STD
Recommended Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
±5%
Ambient Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Thermal Information
Thermal Resistance
θJA (°C/W) θJC (°C/W)
QFN Package (Notes 1, 2). . . . . . . . . .
45
7.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Test Conditions: VCC = 5V, TJ = 0°C to 85°C, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BIAS SUPPLY AND INTERNAL OSCILLATOR
Input Bias Supply Current
IVCC; ENLL = high
-
4
6
mA
VCC POR (Power-On Reset) Threshold
VCC Rising
4.2
4.4
4.6
V
VCC Falling
3.7
3.9
4.1
V
PVCC POR (Power-On Reset) Threshold
PVCC Rising
-
4.3
-
V
PVCC Falling
-
3.3
-
V
Switching Frequency (per channel)
TJ = 25°C to 85°C
189
222
255
kHz
TJ = -40°C
166
205
241
kHz
Oscillator Ramp Amplitude
VP-P
-1.33
-
V
Maximum Duty Cycle (Note 3)
-67
-
%
CONTROL THRESHOLDS
ENLL Rising Threshold
-0.645
-
V
ENLL Falling Threshold
-0.567
-
mV
REFERENCE AND DAC
System Accuracy
-1
-
1
%
TJ = -40°C to 85°C
-1.5
-
1.5
%
DAC Input Low Voltage
--
0.4
V
DAC Input High Voltage
0.8
-
-
V
DAC Input Pull-Up Current
VIDx = 0V
-
45
-
µA
ERROR AMPLIFIER
DC Gain (Note 3)
RL = 10K to ground
-
96
-
dB
Gain-Bandwidth Product (Note 3)
CL = 100pF, RL = 10K to ground
-
20
-
MHz
Slew Rate (Note 3)
CL = 100pF, Load = ±400µA-
8
-
V/
µs
Maximum Output Voltage
Load = 1mA
3.90
4.20
-
V
Minimum Output Voltage
Load = -1mA
-
0.80
0.90
V
OVERCURRENT PROTECTION
Overcurrent Trip Level
72
95
115
µA
ISL6315
ISL6315


Similar Part No. - ISL6315EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315CR INTERSIL-ISL6315CR Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315CR RENESAS-ISL6315CR Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315CRZ INTERSIL-ISL6315CRZ Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - ISL6315EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 RENESAS-ISL6563 Datasheet
931Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 RENESAS-ISL8101 Datasheet
904Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com