Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72315W Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC72315W
Description  Ultralow-Voltage ETR Controller with On-Chip LCD Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72315W Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC72315W Datasheet HTML 4Page - Sanyo Semicon Device LC72315W Datasheet HTML 5Page - Sanyo Semicon Device LC72315W Datasheet HTML 6Page - Sanyo Semicon Device LC72315W Datasheet HTML 7Page - Sanyo Semicon Device LC72315W Datasheet HTML 8Page - Sanyo Semicon Device LC72315W Datasheet HTML 9Page - Sanyo Semicon Device LC72315W Datasheet HTML 10Page - Sanyo Semicon Device LC72315W Datasheet HTML 11Page - Sanyo Semicon Device LC72315W Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
PS No. 6650-12/12
LC72314W, 72315W, 72316W
This catalog provides information as of November, 2001. Specifications and information herein are
subject to change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the “Delivery Specification”
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
Mnemonic
Operand
Function
Operations function
Instruction format
1st
2nd
LCDA
M
I
Output segment pattern to LCD
LCD (DIGIT)
← M
LCDB
M
I
digit direct
LCPA
M
I
Output segment pattern to LCD
LCD (DIGIT)
← LA ← M
LCPB
M
I
digit through LA
HALT
I
Halt mode control
HALT reg
← I,
then CPU clock stop
CKSTP
Clock stop
Stop x’tal OSC
NOP
No operation
No operation
Continued from preceding page.
f
e
d
c
b
a
9
8
7
6
5
4
3
2
1
0
1
1
0
0
0
0
DH
DL
DIGIT
1
1
0
0
0
1
DH
DL
DIGIT
1
1
0
0
1
0
DH
DL
DIGIT
1
1
0
0
1
1
DH
DL
DIGIT
0
0
0
0
0
0
0
0
0
1
0
0
I
0
0
0
0
0
0
0
0
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0


Similar Part No. - LC72315W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7230 SANYO-LC7230 Datasheet
553Kb / 12P
   Single-Chip PLL Controller with LCD Driver
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7230-8272 SANYO-LC7230-8272 Datasheet
537Kb / 22P
   Single-chip PLL Controller
LC7232-8291 SANYO-LC7232-8291 Datasheet
865Kb / 35P
   1-Chip PLL Controller
LC7232-8377 SANYO-LC7232-8377 Datasheet
852Kb / 33P
   Single-chip PLL and Microcontroller with LCD Driver?
More results

Similar Description - LC72315W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
NEC
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Sitronix Technology Co....
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
ST7789VW SITRONIX-ST7789VW Datasheet
3Mb / 317P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2017/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com