Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1547AAB1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # LH1547AAB1
Description  1 Form A Solid-State Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LH1547AAB1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  LH1547AAB1 Datasheet HTML 1Page - Infineon Technologies AG LH1547AAB1 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
LH1547AT1/AAB1/AAB1TR
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
3–184
April 1, 2000-23
Absolute Maximum Ratings, TA=25°C (except where noted)
Stresses in excess of the absolute Maximum Ratings can cause permanent
damage to the device. These are absolute stress ratings only. Functional oper-
ation of the device is not implied at these or any other conditions in excess of
those given in the operational sections of this document. Exposure to absolute
Maximum Ratings for extended periods of time can adversely affect reliability.
Ambient Operating Temperature Range, TA....................–40° to +85°C
Storage Temperature Range, Tstg..................................–40° to +150°C
Pin Soldering Temperature, t=10 s max, TS ................................ 260°C
Input/Output Isolation Voltage, t=1.0 s, VISO........................5300 VRMS
LED Input Ratings:
Continuous Forward Current, IF...............................................50 mA
Reverse Voltage, VR.................................................................... 10 V
Output Operation:
dc or Peak ac Load Voltage, IL≤50 µA, VL................................. 400 V
Continuous dc Load Current, IL .............................................120 mA
Power Dissipation, PDISS......................................................... 500 mW
Recommended Operating Conditions
Parameter
Sym.
Min. Typ.
Max. Unit
LED Forward Current
for Switch Turn-on
(
TA=–40°C to +85°C)
IFon
5.0
20
mA
Electrical Characteristics, TA=25°C
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the
result of engineering evaluations. Typical values are for information only and are not part of the testing requirements
.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
LED Forward Current for Switch Turn-on
IFon
0.9
2.0
mA
IL=90 mA, t=10 ms
LED Forward Current for Switch Turn-off
IFoff
0.1
0.4
mA
VL=±350 V
LED Forward Voltage
VF
1.15
1.22
1.45
V
IF=10 mA
ON-resistance
RON
12
23
34
IF=5.0 mA
OFF-resistance
ROFF
3300
G
IF=0 mA, VL=±100 V
Current Limit
ILMT
150
210
270
mA
IF=5.0 mA, t=5.0 ms
VL=10 V
Output Off-state Leakage Current
0.03
200
1.0
nA
µA
IF=0 mA, VL=±100 V
VL=±400 V
Turn-on Time
ton
1.6
5.0
ms
IF=5.0 mA, VL=50 V
RL=1.0 kΩ
Turn-off Time
toff
2.2
5.0
ms
IF=5.0 mA, VL=50 V
RL=1.0 kΩ


Similar Part No. - LH1547AAB1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1547 SIEMENS-LH1547 Datasheet
144Kb / 25P
   1 Form C
More results

Similar Description - LH1547AAB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com