Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM91 Datasheet(PDF) 1 Page - OKI electronic componets

Part No. LM91
Description  Diode Input Digital Temperature Sensor with Two-Wire Interface
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

LM91 Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM91
Diode Input Digital Temperature Sensor with Two-Wire
Interface
General Description
The
LM91
is
a
remote
diode
temperature
sensor,
Delta-Sigma
analog-to-digital
converter,
and
digital
over-temperature detector with an SMBusinterface. The
LM91 senses its own temperature as well as the tempera-
ture of a target IC with a diode junction, such as a Pentium®
II processor or a diode connected 2N3904. A diode junction
(semiconductor junction) is required on the target IC’s die. A
host can query the LM91 at any time to read the temperature
of this diode as well as the temperature state of the LM91
itself. A T_CRIT_A interrupt output becomes active when the
temperature is greater than a programmable comparator
limit, T_CRIT.
The host can program as well as read back the state of the
T_CRIT register. Power up default values for T_CRIT are as
shown in the ordering information table. Three state logic
inputs allow two pins (ADD0, ADD1) to select up to 9 SMBus
address locations for the LM91.
Features
n
Directly senses die temperature of remote ICs
n
Senses temperature of remote diodes
n
SMBus compatible interface, supports SMBus Timeout
n
Register readback capability
n
7 bit plus sign temperature data format
n
2 address select lines enable 9 LM91s to be connected
to a single bus
Key Specifications
j Supply Voltage
3.0V - 3.6V
j Supply Current
1 mA (max)
j Local Temperature Accuracy
±1.0˚C (typ)
j Remote Diode Temperature Accuracy
+60˚C to +100˚C
±4˚C (max)
0˚C to +125˚C
±6˚C (max)
Applications
n
System Thermal Management
n
Personal Computers
n
Electronic Test Equipment
n
Office Electronics
n
HVAC
Simplified Block Diagram
20034301
# Indicates Active Low (”NOT“)
SMBusis a trademark of the Intel Corporation.
Pentium® II processor is a registered trademark of the Intel Corporation.
I2C® is a registered trademark of the Philips Corporation.
November 2001
© 2001 National Semiconductor Corporation
DS200343
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn