Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50YXG1200M16X315 Datasheet(PDF) 6 Page - RUBYCON CORPORATION

Part # 50YXG1200M16X315
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50YXG1200M16X315 Datasheet(HTML) 6 Page - RUBYCON CORPORATION

  50YXG1200M16X315 Datasheet HTML 1Page - RUBYCON CORPORATION 50YXG1200M16X315 Datasheet HTML 2Page - RUBYCON CORPORATION 50YXG1200M16X315 Datasheet HTML 3Page - RUBYCON CORPORATION 50YXG1200M16X315 Datasheet HTML 4Page - RUBYCON CORPORATION 50YXG1200M16X315 Datasheet HTML 5Page - RUBYCON CORPORATION 50YXG1200M16X315 Datasheet HTML 6Page - RUBYCON CORPORATION 50YXG1200M16X315 Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rated voltage 100V(2A)
6.8
55
2.3
9.3
15
115
1.2
5.0
27
232
0.63
2.8
39
300
0.45
2.1
56
362
0.33
1.6
68
357
0.31
1.5
82
466
0.21
0.94
100
531
0.20
0.84
120
663
0.15
0.71
82
466
0.23
1.1
120
690
0.16
0.64
180
784
0.12
0.45
220
905
0.10
0.42
270
1050
0.083
0.35
330
1180
0.071
0.30
150
795
0.14
0.66
220
1040
0.091
0.38
390
1570
0.054
0.20
470
1790
0.045
0.17
560
2020
0.040
0.15
180
920
0.12
0.50
330
1240
0.080
0.30
390
1490
0.057
0.21
680
1790
0.040
0.15
820
2330
0.036
0.13
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
47
288
0.43
1.8
10×12.5
270
1250
0.073
0.27
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
470
1630
0.047
0.17
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
16×16
16×20
20℃, 100kHz
−10℃, 100kHz
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXG
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)


Similar Part No. - 50YXG1200M16X315

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
50YXG150MEFC10X12.5 RUBYCON-50YXG150MEFC10X12.5 Datasheet
138Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 50YXG1200M16X315

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com