Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD090SC100C Datasheet(PDF) 1 Page - Sensitron

Part # SD090SC100C
Description  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD090SC100C Datasheet(HTML) 1 Page - Sensitron

  SD090SC100C Datasheet HTML 1Page - Sensitron SD090SC100C Datasheet HTML 2Page - Sensitron SD090SC100C Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD090SC100A/B/C
Technical Data
Data Sheet 519, Rev.-
SILICON SCHOTTKY RECTIFIER DIE
Very Low Forward Voltage Drop
200
°C Operating Temperature
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Out Performs 100 Volt Ultrafast Rectifiers
Maximum Ratings
(1):
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
100
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
7.5
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(1)
140
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 0.36 A,
L = 82 mH
5.4
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1 µs
ƒ limited by T
J max VA=1.5VR
0.36
A
Max. Junction Temperature
TJ
-
-65 to +200
°C
Max. Storage Temperature
Tstg
-
-65 to +200
°C
Electrical Characteristics
(1):
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 7.5A, Pulse, TJ = 25 °C
0.84
V
VF2
@ 7.5A, Pulse, TJ = 125 °C
0.68
V
Max. Reverse Current
IR1
@VR = 100V, Pulse,
TJ = 25 °C
180
µA
IR2
@VR = 100V, Pulse,
TJ = 125 °C
4
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
250
pF
(1) in SHD package


Similar Part No. - SD090SC100C

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD090SC150A SENSITRON-SD090SC150A Datasheet
155Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop (200 ??TJ Operation)
SD090SC150B SENSITRON-SD090SC150B Datasheet
155Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop (200 ??TJ Operation)
SD090SC150C SENSITRON-SD090SC150C Datasheet
155Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop (200 ??TJ Operation)
More results

Similar Description - SD090SC100C

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD040SC100A SENSITRON-SD040SC100A Datasheet
183Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD125SC100A SENSITRON-SD125SC100A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD275SC100A SENSITRON-SD275SC100A Datasheet
190Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD060SC100A SENSITRON-SD060SC100A Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD200SC100A SENSITRON-SD200SC100A Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD175SC100A SENSITRON-SD175SC100A Datasheet
53Kb / 4P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD125SB45A SENSITRON-SD125SB45A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC150A SENSITRON-SD125SC150A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD175SA30A SENSITRON-SD175SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30A SENSITRON-SD275SA30A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com