Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD060SC100A Datasheet(PDF) 2 Page - Sensitron

Part No. SD060SC100A
Description  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200°C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

SD060SC100A Datasheet(HTML) 2 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD060SC100A/B
Data Sheet 517, Rev.-
Mechanical Dimensions: In Inches / mm
0.060
± 0.003
(1.52
± 0.077)
0.054
± 0.003
(1.37
± 0.077)
H
Bottom side metalization Ag - 30 kÅ minimum.
Top side metalization Al - 25 kÅ minimum
or Ag - 30 kÅ minimum.
Bottom side is cathode, top side is anode.
Dimension H = 0.0105 ± 0.001 (0.27
± 0.026) for Al top;
Dimension H = 0.0155 ± 0.001 (0.39
± 0.026) for Ag top.
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - V
F (V)
10
-3
10
-2
10
-1
10
0
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200°C
175 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
10
20
30
40
50
60
70
80
90
Typical Junction Capacitance
25 °C


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn