Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD040SC100A Datasheet(PDF) 2 Page - Sensitron

Part No. SD040SC100A
Description  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200°C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

SD040SC100A Datasheet(HTML) 2 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 516, REV. A
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - VF (V)
10-4
10-3
10-2
10-1
100
Typical Forward Characteristics
TJ = 125 °C
TJ = 200 °C
TJ = 175 °C
TJ = 25 °C
0
20
40
60
80
100
120
Reverse Voltage - VR (V)
10-6
10-5
10-4
10-3
10-2
10-1
100
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200°C
175 °C
0
20406080
100
120
Reverse Voltage - VR (V)
5
10
15
20
25
30
Typical Junction Capacitance
SD040SC100A/B


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn