Electronic Components Datasheet Search |
|
50YXF220M10X16 Datasheet(PDF) 1 Page - RUBYCON CORPORATION |
|
50YXF220M10X16 Datasheet(HTML) 1 Page - RUBYCON CORPORATION |
1 / 6 page MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS YXF SERIES YXF ◆SPECIFICATIONS ◆MULTIPLIER FOR RIPPLE CURRENT Frequency coefficient (6.3wv∼100wv) Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current(MAX) Dissipation Factor(MAX) (tanδ) Endurance Low Temperature Stability Impedance Ratio(MAX) Items Characteristics −40∼+105℃ 6.3∼250V.DC ±20%(20℃,120Hz) 6.3wv∼100wv I =0.01CV or 3μA whichever is greater. (After 2 minutes) I =Leakage Current(μA) C=Rated Capacitance(μF) V=Rated Voltage(V) Rated Voltage (V) tanδ 0.22 6.3 0.19 10 0.16 16 0.14 25 0.12 35 0.10 50 0.09 63 0.08 100 0.12 160 0.12 200 0.12 250 Leakage Current Dissipation Factor Capacitance Change Within ±25% of the initial value.(160wv to 250wv:±20%) Not more than 200% of the specified value. Not more than the specified value. After life test with rated ripple current at conditions stated in the table below, the capacitors shall meet the following requirements. When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF. (160wv∼250wv) Frequency (Hz) Coefficient (20℃,120Hz) (120Hz) 105℃ Long Life. Low impedance. (Rated Voltage 6.3∼250V.DC) ◆FEATURES • Load Life : 105℃ 2000∼10000hours. • Low impedance at 100kHz with selected materials. Case Dia φD≧12.5 Life Time (hrs) 8000 φD=8 6000 φD≦6.3 4000 6.3∼10WV 10000 7000 5000 2000 − φD=10 6000 7000 2000 − 16∼100WV 160∼250WV Rated Voltage (V) Z(−40℃)/Z(20℃) Z(−25℃)/Z(20℃) 8 6.3 6 10 4 16 3 25 3 35 3 50 3 4322222 63 3 2 100 4 3 160 4 3 200 4 3 250 ◆PART NUMBER □□□ Rated Voltage YXF Series □□□ Option □□ Lead Forming D×L Case Size □□□□□ Rated Capacitance □ Capacitance Tolerance 120 1k 10k 100k≦ 0.50 60(50) 0.40 0.75 0.90 1.00 160wv∼250wv I =0.04CV + 100μA (After 1 minute application of rated voltage) I =0.02CV + 25μA (After 5 minutes application of rated voltage) • RoHS compliance. Frequency (Hz) Coefficient 120 1k 10k 100k≦ 0.42 0.60 0.80 1.00 0.47∼10μF 0.55 0.75 0.90 1.00 22∼33μF 0.70 0.85 0.95 1.00 47∼330μF 0.75 0.90 0.98 1.00 470∼1000μF 0.80 0.95 1.00 1.00 2200∼15000μF |
Similar Part No. - 50YXF220M10X16 |
|
Similar Description - 50YXF220M10X16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |