Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SCP-3337 Datasheet(PDF) 2 Page - Sensitron

Part No. SCP-3337
Description  QUADRUPLE HALF-H DRIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SCP-3337 Datasheet(HTML) 2 Page - Sensitron

  SCP-3337 Datasheet HTML 1Page - Sensitron SCP-3337 Datasheet HTML 2Page - Sensitron SCP-3337 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
DATA SHEET NUMBER 583, REV. -
ELECTRICAL CHARACTRISTICS
VCC1 = 5V, VCC2 =24V, TA = 25°C
CHARACTRISTIC
CONDITIONS
MIN.
TYP.
MAX.
UNITS
High level Output Voltage (VOH)
IOH = -0.6A
VCC2-1.8
VCC2-1.4
-
V
Low level Output Voltage (VOL)
IOL = -0.6A
-
1.2
1.8
V
High level Output Clamp Voltage (VOKH)
IOK = -0.6A
-
VCC2+1.3
-
V
Low level Output Clamp Voltage (VOKL)
IOK = -0.6A
-
1.3
-
V
High Level Input Current (IIH)
A
EN
VI = 7.0V
-
0.2
0.2
100
±10
µA
Low Level Input Current (IIl)
A
EN
VI = 0V
-
-3
-2
-10
-100
µA
Logic Supply Current (ICC1)
IO =0A
All outputs @ High Level
All outputs @ Low Level
All outputs @ High Imped.
-
13
35
8.0
22
60
24
mA
Output Supply Current (ICC2)
IO =0A
All outputs @ High Level
All outputs @ Low Level
All outputs @ High Imped.
-
14
2.0
2.0
24
6.0
4.0
mA
SWITCHING CHARACTERISTICS
VCC1 =5V, VCC2 = 24V, TA =25°C
CHARACTRISTIC
CONDITION
MIN.
TYP.
MAX.
UNIT
Propagation Delay Time, L-H Level Output from. A Input (tPLH)
-
800
-
ns
Propagation Delay Time, H-L Level Output from. A Input (tPHL)
CL = 30 pF
-
400
-
ns
Transition Time, L-H Level Output (tTLH)
-
300
-
ns
Transition Time, H-L Level Output tTHL)
-
300
-
ns
SCP-3337


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN754410 QUADRUPLE HALF-H DRIVER 1  2  3  4  5  More Texas Instruments
TIL293D QUADRUPLE HALF-H DRIVER 1  2  3  4  5  Texas Instruments
L293 QUADRUPLE HALF-H DRIVER 1  2  3  4  5  More Texas Instruments
SN75130 QUADRUPLE LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN55LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
DM74AS1000A Quadruple 2-Input NAND Driver 1  2  3  4  Fairchild Semiconductor
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75172 QUADRUPLE DIFFRENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75LBC784 QUADRUPLE RS-423-B DRIVER/RECEIVER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn