Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SCP-3337 Datasheet(PDF) 1 Page - Sensitron

Part No. SCP-3337
Description  QUADRUPLE HALF-H DRIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SCP-3337 Datasheet(HTML) 1 Page - Sensitron

  SCP-3337 Datasheet HTML 1Page - Sensitron SCP-3337 Datasheet HTML 2Page - Sensitron SCP-3337 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET NUMBER 583, REV. -
QUADRUPLE HALF-H DRIVER
FEATURES:
• 600 mA Output Current Capability, Per Driver
• Pulsed Current 1.2 A Per Driver
• Output Clamp Diodes for Inductive Transient Suppression
• Wide Supply Voltage Range; 4.5V to 36V
• Functional Replacement for SGS L293D
MAXIMUM RATINGS ALL RATINGS ARE OVER A FREE-AIR TEMPERATURE RANGE, UNLESS OTHERWISE SPECIFIED.
RATING
MAX.
UNITS
Logic Supply Voltage Range, VCC1 (see Note 1)
36
V
Output Supply Voltage Range, VCC2
36
V
Input Voltage Range, VI
7.0
V
Output Voltage Range, VO
-3.0 to VCC2 +3.0
V
Peak Output Current (non-repetitive, t
≤ 100 µs
± 1.2
A
Continuous Output Current, IO
± 600
mA
Continuous Total Dissipation at (or below) 25
° C Free Air Temperature (2, 3)
2075
mW
Continuous Total Dissipation at 80
° C Case Temperature (3)
5000
mW
Operating Case or Virtual Junction Temperature Range, TJ
-40 to +150
°C
Storage Temperature Range, Tstg
-65 to +150
°C
Lead Temperature 1.6 mm (1/16 inch) From Case for 10 Seconds
260
°C
Notes:1- All voltage values are with respect to the network ground terminal.
2- For operation above 25°C free air temperature, derate lineraly at the rate of 16.6Mw/°C.
3- For operation above 25°C case temperature, derate lineraly at the rate of 71.4mW°/C. Due to variations in
individual device electrical characteristics and thermal resistance, the built in thermal overload protection may be
activated at power levels slightly above or below the rated dissipation.
RECOMMENDED OPERATING CONDITIONS
MIN.
MAX.
UNIT
Logic Supply Voltage, VCC1
4.5
7.0
V
Output Supply Voltage, VCC2
VCC1
36
V
High Level Input Voltage, VIH
VCC1 ≤ 7.0V
VCC1 ≥ 7.0V
2.3
2.3
VCC1
7.0
V
Low Level Input Voltage, VIL
-0.3*
1.5
V
Operating Free Air Temperature, TA
0
70
°C
*The algebraic conversion, in which the least positive (most negative) value is designated minimum, is used in this data
sheet for logic voltage levels.
SCP-3337


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN754410 QUADRUPLE HALF-H DRIVER 1  2  3  4  5  More Texas Instruments
TIL293D QUADRUPLE HALF-H DRIVER 1  2  3  4  5  Texas Instruments
L293 QUADRUPLE HALF-H DRIVER 1  2  3  4  5  More Texas Instruments
SN75130 QUADRUPLE LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN55LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
DM74AS1000A Quadruple 2-Input NAND Driver 1  2  3  4  Fairchild Semiconductor
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75172 QUADRUPLE DIFFRENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75LBC784 QUADRUPLE RS-423-B DRIVER/RECEIVER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn