Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S455IE Datasheet(PDF) 1 Page - Sensitron

Part # S455IE
Description  THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

S455IE Datasheet(HTML) 1 Page - Sensitron

  S455IE Datasheet HTML 1Page - Sensitron S455IE Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
_____
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 366, REV, -
THREE PHASE FULL WAVE
BRIDGE RECTIFIER ASSEMBLY
DESCRIPTION: A 1000 VOLT, 22 AMP, 175 NANOSECOND THREE PHASE BRIDGE RECTIFIER ASSEMBLY.
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25
oC unless otherwise specified.
RATING
CONDITIONS
MIN
TYP
MAX
UNIT
Peak Inverse Voltage
(PIV)
-
-
-
1000
Vdc
Average DC Output
Current (TC = Case Temp)
(Io)
TC = 55
oC
TC = 100
oC
-
-
22
15
Amps
Peak Single Cycle Surge
Current (IFSM)
tp = 8.3 ms Single
Half Cycle Sine
Wave,
Superimposed On
Rated Load
-
-
100
Amps(pk)
Peak Recurring Surge
Current
(IFRM)
TA = 25
oC
-
-
50
Amps
Operating and Storage
Temp.
(Top & Tstg)
-
-55
-
+150
°C
Maximum Forward
Voltage Per Leg
(Vf)
If = 9.0Adc
(300
µsec pulse,
duty cycle < 2%)
-
-
1.75
Volts
Maximum Instantaneous
Reverse Current At Rated
(PIV)
TA = 25° C
TA = 100° C
-
-
5.0
100
µAmps
Reverse Recovery Time
(trr)
If = 0.5A, Ir = 1.0A;
Irr = 0.25A
Measured on
discrete rectifiers
prior to assembly.
-
-
175
nsec
Max. Thermal Resistance
(R
θ
JC)
-
-
-
1.25
°C/W
S455IE


Similar Part No. - S455IE

ManufacturerPart #DatasheetDescription
logo
Sensitron
S455IH SENSITRON-S455IH Datasheet
47Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S455IH SENSITRON-S455IH_08 Datasheet
53Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - S455IE

ManufacturerPart #DatasheetDescription
logo
Sensitron
SL303100 SENSITRON-SL303100 Datasheet
57Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S10A320 SENSITRON-S10A320 Datasheet
61Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S25A320S7 SENSITRON-S25A320S7 Datasheet
68Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL303100FR SENSITRON-SL303100FR Datasheet
44Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S6A305FR SENSITRON-S6A305FR_07 Datasheet
50Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL30360S7 SENSITRON-SL30360S7_07 Datasheet
52Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S25A340 SENSITRON-S25A340_08 Datasheet
56Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S50A360FR SENSITRON-S50A360FR Datasheet
40Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SC3BA6 SENSITRON-SC3BA6 Datasheet
42Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S6A320 SENSITRON-S6A320 Datasheet
44Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com