Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARM940T Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # ARM940T
Description  TECHNICAL REFERENCE MANUAL
Download  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ARM940T Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button ARM940T Datasheet HTML 61Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 62Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 63Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 64Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 65Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 66Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 67Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 68Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 230 page
background image
Caches and Write Buffer
ARM DDI 0144B
Copyright © 1999, 2000 ARM Limited. All rights reserved.
4-17
Data cache lockdown
For the DCache, the procedure is as follows:
1.
Write to CP15 register 9, setting DL=1 and Dindex=0.
2.
Initialize the pointer to the first of the 16 words to be locked.
3.
Execute an LDR from that location. This forces a linefill from that location, and the
resulting four words are captured by the cache.
4.
Increment the pointer by 16 to select cache segment 1.
5.
Execute an LDR from that location. The resulting linefill is captured in cache
segment 2.
6.
Repeat steps 1 to 5 for cache segments 3 and 4.
7.
Write to CP15 register 9, setting DL=0 and Dindex=1.
If there is more data to lockdown, at the final step, step 7, the DL bit must be left HIGH,
Dindex incremented by 1 line, and the process repeated. The DL bit must only be set
LOW when all the lockdown data has been loaded.
Instruction cache lockdown
For the ICache, this procedure is as follows:
1.
Write to CP15 register 9, setting IL=1 and Iindex=0.
2.
Initialize the pointer to the first of the sixteen words to lockdown.
3.
Force a linefill from that location by writing to CP15 register 7.
4.
Increment the pointer by 16 to select cache segment 1.
5.
Force a linefill from that location by writing to CP15 register 7. The resulting
linefill is captured in segment 1.
6.
Repeat for cache segments 3 and 4.
7.
Write to CP15 register 9, setting IL=0 and Iindex=1.
If there is more data to lockdown, at the final step 7, the IL bit must be left HIGH, Iindex
incremented by 1 line, and the process repeated. The IL bit must be set LOW when all
the lockdown data has been loaded.


Similar Part No. - ARM940T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
More results

Similar Description - ARM940T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM926EJ-S ETC2-ARM926EJ-S Datasheet
1Mb / 236P
   Technical Reference Manual
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Magnetrol International...
S21-1A1A-012 MAGNETROL-S21-1A1A-012 Datasheet
238Kb / 15P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC Datasheet
1Mb / 118P
   Technical Reference Manual
ARM920T ATMEL-ARM920T_14 Datasheet
2Mb / 350P
   Technical Reference Manual
ARM7TDMI ATMEL-ARM7TDMI_14 Datasheet
1Mb / 284P
   Technical Reference Manual
logo
Cypress Semiconductor
CY8C20X34 CYPRESS-CY8C20X34 Datasheet
2Mb / 218P
   Technical Reference Manual (TRM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com