Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400SXC56M20X30 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 400SXC56M20X30
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400SXC56M20X30 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  400SXC56M20X30 Datasheet HTML 1Page - RUBYCON CORPORATION 400SXC56M20X30 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC
SERIES
SXC
◆SPECIFICATIONS
◆PART NUMBER
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Impedance Ratio(MAX)
Items
Characteristics
−25∼+105℃
200V.DC, 400V.DC
±20%(20℃,120Hz)
I
Leakage Current(μA)     V=Rated Voltage(V)     C=Rated Capacitance(μF)
Rated Voltage
(V)
Z(−25℃)/Z(20℃)
200
3
400
8
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105℃, Overvoltage Vent Operation Facility,
Snap-in Terminal Type
◆FEATURES
Load Life : 105℃ 2000 hours.
This series has specification of vent operation in overvoltage situation. Please consult
us for any further details.
0.15(20℃,120Hz)
(120Hz)
After applying rated voltage with rated ripple current for 2000hrs at 105℃, the capacitors shall meet the following requirements.
□□□
Rated Voltage
SXC
Series
SN
Terminal Code
OOE
Option
D×L
Case Size
□□□□□
Rated Capacitance
Capacitance Tolerance
I
=3 CV
(After 5 minutes application of rated voltage)
◆Option
Blank
OOE
Code
without plate
with plate
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
60
(50) 120
500
1k
10k≦
0.80
1.00
1.10
1.14
1.18
0.80
200WV
400WV
1.00
1.05
1.10
1.15
 Frequency coefficient
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
4±0.5
L±2
SLEEVE
VENT
※For φ35, 3.5±0.5
SN[4(3.5)mm]terminal type
RoHS compliance.


Similar Part No. - 400SXC56M20X30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400SXW100M18X45 RUBYCON-400SXW100M18X45 Datasheet
48Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
400SXW22M16X20 RUBYCON-400SXW22M16X20 Datasheet
48Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
400SXW22M16X25 RUBYCON-400SXW22M16X25 Datasheet
48Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
400SXW27M16X25 RUBYCON-400SXW27M16X25 Datasheet
48Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
400SXW33M16X25 RUBYCON-400SXW33M16X25 Datasheet
48Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 400SXC56M20X30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com