Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13BAML Datasheet(PDF) 43 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13BAML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13BAML Datasheet(HTML) 43 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13BAML Datasheet HTML 39Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 40Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 41Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 42Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 43Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 44Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 45Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 46Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 47Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
43
© 2013 - SOURIAU
Tightening of fixing nuts, receptacle type 7
Shell size
09
11
13
15
17
19
21
23
25
Nut dimension across flats
22.35
25.55
30.30
33.45
36.65
39.80
43.00
46.10
50.95
Max tightening torque on nut (mN)
6
8
10
13
20
23
25
26
28
Tightening support
Part number: 8599-0801
This tool is made up of
dummy receptacles
housings of all 9 sizes for all
key polarisation, and secures
free connectors during wiring
and fitting of rear accessories.
8599-0801
Backshell tightening tools
8498-03
Backshell tightening pliers,
part number: 8498-03
Square jaws (order 2 jaws),
part number: 8500-1015
Tightening of rear accessories:
Shell size
9
11
13
15
17
19
21
23
25
Max torque
in m/daN
0.62
1.24
Strap clamp,
part number: 8498-04
Spare strap,
part number: 8498-103
Slackening tools
8498-04
Insertion & extraction tools
Contact
size
Material
Part number
Color
MIL standard
Souriau
Insertion
Extraction
#26
Plastic
-
8599-0399 900
Black
White
#22D
Plastic
M81969/14-01
-
Green
White
#20
Plastic
M81969/14-10
-
Red
Orange
#16
Plastic
M81969/14-03
-
Blue
White
#12
Plastic
M81969/14-04
-
Yellow
White
#10
Plastic
M81969/14-05
-
Grey
-
#8
Plastic
M81969/14-12
-
-
Green
Metalic
-
8660-197
-
-
#4
Plastic
M81969/14-07
-
-
Blue
Metalic
-
8533-8175
-
-


Similar Part No. - MS27468T17Z13BAML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13BAML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com