Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSA2805S Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part No. MSA2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERPOINT [Interpoint Corporation Company]
Homepage  http://www.interpoint.com
Logo 

MSA2805S Datasheet(HTML) 5 Page - Interpoint Corporation Company

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MSA SERIES
5 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
FIGURE 5
FIGURE 7
OUTPUT POWER (Watts)
MSA2815D EFFICIENCY
30
80
40V
70
60
50
40
123456
16V
28V
100
µs/div
16V TO 40V
MSA2805S STEP LINE RESPONSE
VIN
VOUT
OUTPUT POWER (Watts)
MSA2805S EFFICIENCY
30
80
40V
70
60
50
40
123456
16V
28V
FIGURE 2
OUTPUT POWER (Watts)
MSA2812S EFFICIENCY
30
80
40V
70
60
50
40
123456
16V
28V
FIGURE 3
FREQUENCY (kHz)
MSA SERIES AUDIO REJECTION
100
0.1
1
10
100
90
80
70
60
50
40
30
20
10
FIGURE 6
FIGURE 4
OUTPUT POWER (Watts)
MSA2815S EFFICIENCY
30
80
40V
70
60
50
40
123456
16V
28V
FIGURE 11
FIGURE 13
200
µs/div
16V TO 40V
MSA2815D INPUT STEP LINE RESPONSE
VIN
+VOUT
–VOUT
200
µs/div
10%
90%
MSA2815D +VO STEP LOAD RESPONSE
10% to 90%
90% to 10%
–POUT=0.5W
100
µs/div
50%
100%
MSA2805S STEP LOAD RESPONSE
50% to 100%
100% to 50%
FIGURE 8
100
µs/div
10%
100%
MSA2805S STEP LOAD RESPONSE
10% to 100%
100% to 10%
FIGURE 9
100
µs/div
10%
50%)
MSA2815D +VO STEP LOAD RESPONSE
10% to 50%
50% to 10%
–POUT=2.5W
FIGURE 12
FIGURE 10
1 ms / div
MSA2805S TURN-ON INTO NO LOAD
VIN
VOUT


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HR701-2805DC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MRH2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
HSH1205DDC/DC CONVERTERS 12 VOLT INPUT 1 2 3 4 Interpoint Corporation Company
MSM283R3SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MCH2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MSR2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MFL2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MTO1212TDC/DC CONVERTERS 12 & 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MFLHP2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MTR283R3SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn