Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC20XS4200BDFK Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MC20XS4200BDFK
Description  Dual 24 V, 20 mOhm high-side switch
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC20XS4200BDFK Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MC20XS4200BDFK Datasheet HTML 60Page - NXP Semiconductors MC20XS4200BDFK Datasheet HTML 61Page - NXP Semiconductors MC20XS4200BDFK Datasheet HTML 62Page - NXP Semiconductors MC20XS4200BDFK Datasheet HTML 63Page - NXP Semiconductors MC20XS4200BDFK Datasheet HTML 64Page - NXP Semiconductors MC20XS4200BDFK Datasheet HTML 65Page - NXP Semiconductors MC20XS4200BDFK Datasheet HTML 66Page - NXP Semiconductors MC20XS4200BDFK Datasheet HTML 67Page - NXP Semiconductors MC20XS4200BDFK Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
NXP Semiconductors
64
20XS4200


Similar Part No. - MC20XS4200BDFK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC20XS4200BDFK NXP-MC20XS4200BDFK Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
More results

Similar Description - MC20XS4200BDFK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com