Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC20XS4200BAFK Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MC20XS4200BAFK
Description  Dual 24 V, 20 mOhm high-side switch
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC20XS4200BAFK Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MC20XS4200BAFK Datasheet HTML 63Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 64Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 65Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 66Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 67Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 68Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 69Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 70Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 71Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 71 / 71 page
background image
Information in this document is provided solely to enable system and software implementers to use NXP products.
There are no expressed or implied copyright licenses granted hereunder to design or fabricate any integrated circuits
based on the information in this document. NXP reserves the right to make changes without further notice to
anyproducts herein. NXP makes no warranty, representation, or guarantee regarding the suitability of its products for
any particular purpose, nor does NXP assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation, consequential or incidental damages.
"Typical" parameters that may be provided in NXP data sheets and/or specifications can and do vary in different
applications, and actual performance may vary over time. All operating parameters, including "typicals," must be
validated for each customer application by the customer's technical experts. NXP does not convey any license under
its patent rights nor the rights of others. NXP sells products pursuant to standard terms and conditions of sale, which
can be found at the following address:
http://www.nxp.com/terms-of-use.html.
How to Reach Us:
Home Page:
NXP.com
Web Support:
http://www.nxp.com/support
NXP, the NXP logo, Freescale, the Freescale logo and SMARTMOS are trademarks of NXP Semiconductors B.V.
All other product or service names are the property of their respective owners. All rights reserved.
© NXP B.V. 2022.
Document Number: MC20XS4200
Rev. 7.0
10/2022


Similar Part No. - MC20XS4200BAFK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC20XS4200BAFK NXP-MC20XS4200BAFK Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
More results

Similar Description - MC20XS4200BAFK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com