Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC20XS4200 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MC20XS4200
Description  Dual 24 V, 20 mOhm high-side switch
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC20XS4200 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MC20XS4200 Datasheet HTML 28Page - NXP Semiconductors MC20XS4200 Datasheet HTML 29Page - NXP Semiconductors MC20XS4200 Datasheet HTML 30Page - NXP Semiconductors MC20XS4200 Datasheet HTML 31Page - NXP Semiconductors MC20XS4200 Datasheet HTML 32Page - NXP Semiconductors MC20XS4200 Datasheet HTML 33Page - NXP Semiconductors MC20XS4200 Datasheet HTML 34Page - NXP Semiconductors MC20XS4200 Datasheet HTML 35Page - NXP Semiconductors MC20XS4200 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
NXP Semiconductors
32
20XS4200
6.1.3.5
Going from Normal to Fail-safe, Fault or Sleep mode
The device changes from Normal to Fail-safe (Fail-safe mode), Sleep mode (Sleep mode), or Fault mode (Fault mode), according to the
value of the following signals (see Table 6).
• wake-up = RSTB or IN_ON[0] or IN_ON[1]
• fail-safe = (VDD Failure and VDD_FAIL_en) or (SPI watchdog timeout (tWDTO) and WD_dis = 0)
• fault = OC[0:1] or OT[0:1] or SC[0:1] or UV or (OV and OV_dis)
It enters Fail-safe mode in case of a timeout on SPI communication or when VDD is lost after having been initially present (if this function
was previously enabled by setting: VDD_FAIL_EN bit = [1]). Setting watchdog disabled (WD_dis = 1, D4 of the GCR register) avoids
entering Fail-safe mode after watchdog timeout. Device behavior upon fault occurrence is explained in the paragraph on Faults (Fault
mode).
Figure 12. Device operating modes
6.1.4
Sleep mode
In Sleep mode, the channels and the SPI interface are turned off to minimize current consumption.
The device enters Sleep mode (wake-up = 0) when both Direct Input pins IN(x) remain Off longer than tIN sec. (when reset is active;
RSTB = 0). This is expressed as follows:
Table 6. Device operating modes
Mode
Wake-up
Fail-safe Fault
Comments
Sleep
0
x
x
All channels are OFF.
Normal
1
0
0
The SPI Watchdog is active when: VDD = 5.0 V,
WD_dis = 0,
RSTB =1
Fail-safe
1
1
0
The channels are controlled by the IN inputs. (see
Fail-safe mode)
Fault
1
X
1
The channels are OFF, see Fault mode.
x = Don’t care.
Sleep
(fail-safe = 0) and (wake-up = 1) and (fault = 0)
(wake-up = 0)
Fail-safe
Normal
(wake-up = 0)
(fail-safe = 1) and (wake-up = 1) and (fault = 0)
(fail-safe = 0) and (wake-up = 1) and (fault = 0)
(wake-up = 1) and
(fail-safe = 1)
and (fault = 0)
Fault
(wake-up = 0)
(wake-up = 1)
and (fault = 1)
(fail-safe = 0) and
(wake-up = 1) and
(fault = 1)
(fail-safe = 1) and
(wake-up = 1)
and (fault = 1)
(fail-safe = 0) and (wake-
up = 1) and (fault = 0)
(fail safe = 1) and
(wake-up = 1) and
(fault = 0)


Similar Part No. - MC20XS4200

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
logo
NXP Semiconductors
MC20XS4200 NXP-MC20XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200BAFK NXP-MC20XS4200BAFK Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200BDFK NXP-MC20XS4200BDFK Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200BFK NXP-MC20XS4200BFK Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
More results

Similar Description - MC20XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com