Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

220USG1800M35X40 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part No. 220USG1800M35X40
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

220USG1800M35X40 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  220USG1800M35X40 Datasheet HTML 1Page - RUBYCON CORPORATION 220USG1800M35X40 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USG
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 85℃)
WV
Cap
(μF)
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
◆STANDARD SIZE
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
160
180
WV
Cap
(μF)
470
390
330
270
560
680
820
1000
1200
1500
1800
2200
2700
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
200
220
WV
Cap
(μF)
150
120
100
82
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
250
400
WV
Cap
(μF)
68
82
100
120
150
180
220
270
330
390
470
560
680
20×30
20×30
20×35
20×40
20×25
20×30
20×35
20×35
20×30
20×25
20×30
20×35
20×30
20×25
20×30
20×40
20×35
20×25
20×30
20×35
20×40
20×45
20×25
20×30
20×35
20×35
20×40
20×25
20×30
20×30
20×35
20×40
20×25
20×25
20×30
20×35
20×40
22×25
22×30
22×35
22×40
22×45
22×25
22×30
22×30
22×35
22×40
22×45
22×25
22×25
22×30
22×35
22×40
22×45
22×25
22×25
22×30
22×35
22×40
22×50
22×25
22×30
22×35
22×40
22×45
22×30
22×25
22×30
22×35
22×40
22×45
22×25
22×30
22×25
22×35
22×40
22×45
22×25
22×30
22×35
22×45
22×40
22×50
25×30
25×30
25×35
25×45
25×50
25×25
25×25
25×30
25×35
25×45
25×50
25×30
25×25
25×25
25×30
25×35
25×40
25×45
25×25
25×30
25×35
25×35
25×45
25×50
25×25
25×30
25×35
25×40
25×50
25×25
25×30
25×30
25×35
25×45
25×50
25×25
25×25
25×35
25×30
25×40
25×45
25×25
25×25
25×30
25×35
25×40
25×45
30×30
30×35
30×35
30×45
30×50
30×25
30×25
30×35
30×30
30×40
30×45
30×30
30×30
30×35
30×40
30×25
30×50
30×25
30×30
30×35
30×35
30×40
30×50
35×35
35×40
35×45
35×30
35×35
35×30
35×40
35×50
35×30
35×35
35×40
35×45
35×30
35×30
35×40
35×35
35×45
30×25
30×30
30×35
30×40
30×50
30×25
30×30
30×30
30×35
30×45
30×25
30×25
30×30
30×35
30×40
30×45
30×25
30×25
30×30
30×35
30×40
30×45
35×30
35×35
35×40
35×45
35×30
35×35
35×40
35×50
35×30
35×30
35×35
35×40
35×50
35×25
35×30
35×35
35×40
35×40
1.76
2.25
2.50
2.75
1.44
1.68
1.93
2.43
20×40 2.68
1.31
1.23
1.75
1.91
20×40 2.11
0.97
0.83
1.08
1.48
1.30
1.84
2.08
2.25
2.50
2.75
1.42
1.58
1.75
1.99
2.28
0.80
0.94
1.08
1.21
1.45
0.66
0.83
0.93
1.04
1.29
2.25
2.50
2.75
3.00
3.25
1.68
1.93
2.43
2.68
2.93
3.25
1.31
1.75
1.91
2.11
2.25
2.50
0.97
1.30
1.08
1.48
1.65
1.94
2.08
2.25
2.50
2.75
3.00
22×50 3.31
1.58
1.75
1.99
2.28
2.46
2.81
0.94
1.08
1.21
1.45
1.58
1.67
22×50 1.90
0.93
1.04
1.29
1.40
1.66
1.81
2.75
3.00
3.25
3.73
4.20
1.93
2.43
2.68
2.93
3.25
3.50
3.87
1.91
2.11
2.25
2.50
2.77
3.32
1.30
1.48
1.65
1.94
2.17
2.27
2.50
2.75
3.00
3.31
3.83
1.99
2.28
2.46
2.81
3.29
3.60
1.21
1.45
1.58
1.67
1.90
2.13
25×50 2.39
1.04
1.29
1.40
1.66
1.81
2.10
3.25
3.73
4.20
4.78
5.45
2.68
2.93
3.25
3.50
3.87
4.32
30×50 4.92
2.25
2.50
2.77
3.32
3.84
4.25
1.65
1.94
2.17
2.27
2.61
2.82
4.78
20×25
22×25
25×25
30×25
35×30
1.19
1.76
2.50
3.00
4.20
5.45
5.75
3.50
35×25 3.25
3.87
4.32
4.92
5.45
3.32
35×25 2.77
3.84
4.25
4.55
2.17
2.27
2.61
2.82
3.11
3.00
3.31
3.83
4.32
4.92
2.46
2.81
3.29
3.60
3.92
30×50 4.30
1.58
1.67
1.90
2.13
2.39
2.69
1.40
1.66
1.81
2.10
2.32
2.66
3.83
35×25 3.31
4.32
4.92
5.52
3.60
3.92
4.30
4.95
2.13
35×25 1.90
2.39
2.69
2.96
3.25
1.81
2.10
2.32
2.66
2.82
35×50 3.00
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
420
450


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MXC LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  3  4  RUBYCON CORPORATION
MXG LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  RUBYCON CORPORATION
SXC LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  RUBYCON CORPORATION
MXR LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  3  4  RUBYCON CORPORATION
AXF LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  RUBYCON CORPORATION
MXY LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  RUBYCON CORPORATION
USC LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  3  4  RUBYCON CORPORATION
USR LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  3  4  RUBYCON CORPORATION
VXP LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  3  RUBYCON CORPORATION
VXR LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  RUBYCON CORPORATION

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn