Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MFLHP2805S Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part No. MFLHP2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERPOINT [Interpoint Corporation Company]
Homepage  http://www.interpoint.com
Logo 

MFLHP2805S Datasheet(HTML) 4 Page - Interpoint Corporation Company

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
B2-22
MFLHP SERIES
100 WATT
DC/DC CONVERTERS
SINGLE OUTPUT MODELS CONNECTION DIAGRAMS - SENSE AND PARALLEL
RL
1
2
3
4
5
6
REMOTE SENSE CONNECTION
12
11
10
9
8
7
+
28V
+
Inhibit
Sync In
RL
1
2
3
4
5
6
OUTPUT VOLTAGE ADJUST CONNECTION
12
11
10
9
8
7
+
28V
+
Inhibit
Sync In
RA
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
RL
1
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
2
3
4
5
6
1
2
3
4
5
6
1
2
3
4
5
6
CONNECT ONLY WHEN 2 SLAVES ARE USED
12
11
10
9
8
7
12
11
10
9
8
7
12
11
10
9
8
7
+
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
MASTER
SLAVE 1
SLAVE 2
28V
+
Inhibit
Sync In
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
FIGURE 1: SENSE CONNECTIONS AND TRIM TABLE
FIGURE 2: PARALLEL CONNECTIONS


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HR701-2805DC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MSA2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
HSH1205DDC/DC CONVERTERS 12 VOLT INPUT 1 2 3 4 Interpoint Corporation Company
MSM283R3SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MCH2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MSR2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MFL2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MTO1212TDC/DC CONVERTERS 12 & 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MFW2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MTR283R3SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn