Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCH2805S Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part No. MCH2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERPOINT [Interpoint Corporation Company]
Homepage  http://www.interpoint.com
Logo 

MCH2805S Datasheet(HTML) 6 Page - Interpoint Corporation Company

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
MCH SERIES
1.5 WATT
DC/DC CONVERTERS
FIGURE 15
FIGURE 16
FIGURE 17
VIN
–VOUT
TURN-ON INTO FULL LOAD
05
10
15
20
25
30
35
40
45
TIME (ms)
MCH2815D
Also representative of MCH2812S & D and MCH2815S
+VOUT
0 V for –VOUT
0 V for +VOUT
CROSS REGULATION
50% LOAD +V; 50% TO 10% LOAD –V
AND
50% LOAD –V; 50% TO 10% LOAD +V
4
-4
-2
0
2
10
20
30
40
50
OUTPUT LOAD (%)
DUAL ISOLATED
±5 V
±12 V
±15 V
–5 V
–12 V
–15 V
4
-4
-2
0
2
90/10 70/30 50/50 30/70 10/90
OUTPUT LOAD (%)
DUAL ISOLATED
CROSS REGULATION
90% TO 10% LOAD ON +V
10% TO 90% LOAD ON –V
+5 V
+12 V
+15 V
0.8
1.8
1.0
1.2
1.4
1.6
910
11
12
INPUT VOLTAGE
ALL MODELS
LOW LINE DROPOUT
12 V
SINGLE
& DUAL
15 V
SINGLE
& DUAL
5 V
DUAL
5 V
SINGLE
120
100
80
60
40
20
0
% OF FULL LOAD
OUTPUT VOLTAGE vs. OUTPUT LOAD
0
20
40
60
80
100
120
140
160
SAFE OPERATING AREA
TRIP POINT 125%
FREQUENCY (MHz)
0.1
1
10
50
90
70
50
30
10
.015
MCH FILTERED WITH FMSA
CE03
LIMIT
NARROWBAND
FIGURE 12
FIGURE 13
FIGURE 14
TYPICAL PERFORMANCE CURVES: Tc = 25°C, full load, Vin = 28 VDC, unless otherwise specified.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HR701-2805DC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MSA2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
HSH1205DDC/DC CONVERTERS 12 VOLT INPUT 1 2 3 4 Interpoint Corporation Company
MSM283R3SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MFL2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MSR2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MFLHP2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MTO1212TDC/DC CONVERTERS 12 & 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MFW2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MTR283R3SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn