Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3034PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRU3034PBF
Description  8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3034PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRU3034PBF Datasheet HTML 4Page - International Rectifier IRU3034PBF Datasheet HTML 5Page - International Rectifier IRU3034PBF Datasheet HTML 6Page - International Rectifier IRU3034PBF Datasheet HTML 7Page - International Rectifier IRU3034PBF Datasheet HTML 8Page - International Rectifier IRU3034PBF Datasheet HTML 9Page - International Rectifier IRU3034PBF Datasheet HTML 10Page - International Rectifier IRU3034PBF Datasheet HTML 11Page - International Rectifier IRU3034PBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IRU3034 & (PbF)
8
www.irf.com
APPLICATION INFORMATION
Introduction
The IRU3034 device is an application specific product
designed to provide an on-board switching supply for the
new generation of microprocessors requiring separate
Core and I/O supplies where the load current demand
from the I/O supply requires this regulator to also be a
switching regulator such as the motherboard applica-
tions with AGP slot or the Pentium II with on-board 5V
to 3.3V converter. The IRU3034 provides an easy and
low cost switching regulator solution for Vcore and 3.3V
supplies with true short circuit protection.
Switching Controller Operation
The operation of the switching controller is as follows:
After the power is applied, the output drive pin (Drv) goes
to 100% duty cycle and the current in the inductor
charges the output capacitor causing the output voltage
to increase. When output reaches a pre-programmed
set point the feedback pin (VFB) exceeds 1.25V causing
the output drive to switch Low and the VHYST pin to switch
High which jumps the feedback pin higher than 1.25V
resulting in a fixed output ripple which is given by the
following equation:
Where:
Rt = Resistor connected from VOUT to the VFB pin of
IRU3034.
Rh = Resistor connected from VFB pin to VHYST pin.
For example, if Rt=1K and Rh=422K, then the output
ripple is:
The advantage of fixed output ripple is that when the
output voltage changes from 2V to 3.5V, the ripple volt-
age remains the same which is important in meeting the
Intel maximum tolerance specification.
Soft-Start
The soft-start capacitor must be selected such that dur-
ing the start-up when the output capacitors are charging
up, the peak inductor current does not reach the current
limit threshold. A minimum of 0.1µF capacitor insures
this for most applications. During start-up the soft-start
capacitor is charged up to approximately 6V keeping
the output shutdown before an internal 10µA current
source start discharging the soft-start capacitor which
slowly ramps up the inverting input of the PWM com-
parator, VFB. This insures the output to ramp up at the
same rate as the soft-start cap thereby limiting the input
current. For example, with 0.1µF and the 10µA internal
current source the ramp up rate is:
Assuming that the output capacitance is 6000µF, the
peak input current will be:
The soft start capacitor also provides a delay in the turn
on of the output which is given by:
Where:
K = 30ms/µF
For example for Css=0.1
µF,
Switcher Current Limit Protection
The IRU3034 uses an external current sensing resistor
and compares the voltage drop across it to a programmed
voltage which is set externally via a resistor (RCL) placed
between the CS- terminal of the IC and VOUT. Once the
voltage across the sense resistor exceeds the thresh-
old, the soft-start capacitor pulls up to 12V, pulling up
the inverting pin of the error comparator higher than non-
inverting which causes the external MOSFET to shut
off. At this point the CS comparator changes its state
and pulls the soft-start capacitor to Vcc which is 12V
and shutting the PWM drive. After the output drive is
turned off, an internal 10µA current source slowly dis-
charges the soft-start capacitor to approximately 5.7V,
before the output starts to turn back on causing a long
delay before the MOSFET turns back on. This delay
causes the catch diode to cool off between the current
limit cycles allowing the converter to survive a short cir-
cuit condition. An example is given below as how to
select the current limiting components. Assuming the
desired current limit point is set to be 20A and the cur-
rent sense resistor Rs=5mΩ, then the current limit pro-
gramming resistor, RCL is calculated as:
Where:
IB = 20µA is the internal current source of IRU3034
IIN(pk) = Css×(∆V/∆t) = 6000µF×(0.1V/ms) = 0.6A
∆Vo = (Rt/Rh)×11
∆Vo = (1/422)×11 = 26mV
Vcs = ICL×Rs = 20×0.005 = 0.1V
RCL = Vcs/IB = (0.1V)/(20
µA) = 5KΩ
TD = Css×K
TD = 0.1×30 = 3ms
(∆V/∆t) = I/Css = 10/0.1 = 100V/s or 0.1V/ms


Similar Part No. - IRU3034PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
More results

Similar Description - IRU3034PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
   8 PIN PWM SWITCHER CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
   8 PIN PWM SWITCHER CONTROLLER IC
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
   8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
   PWM SWITCHER & LINEAR CONTROLLER IC
logo
List of Unclassifed Man...
LY9528 ETC2-LY9528 Datasheet
686Kb / 8P
   LY9523 Thru LY9528 / PWM Controller IC / DIP 8 PIN
2011/9/21
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com