Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSH1205D Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part No. HSH1205D
Description  DC/DC CONVERTERS 12 VOLT INPUT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERPOINT [Interpoint Corporation Company]
Homepage  http://www.interpoint.com
Logo 

HSH1205D Datasheet(HTML) 4 Page - Interpoint Corporation Company

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
®
4
HSH SERIES
1.5 WATT
TEST
HSH
HSH
STANDARD
/ES
PRE-CAP INSPECTION
Method 2017, 2032
yes
yes
TEMPERATURE CYCLE (10 times)
Method 1010, Cond. C, -65°C to 150°C
no
no
Method 1010, Cond. B, -55°C to 125°C
no
yes
CONSTANT ACCELERATION
Method 2001, 3000 g
no
no
Method 2001, 500 g
no
yes
BURN-IN
24 hours at 150°C case (typical)
yes
no
96 hours at 150°C case (typical)
no
yes
FINAL ELECTRICAL TEST MIL-PRF-38534, Group A
Subgroups 1, 2, 4, 5: +25°C, +125°C
yes
yes
HERMETICITY TESTING
Fine Leak, Method 1014, Cond. A
no
yes
Gross Leak, Method 1014, Cond. C
no
yes
Gross Leak, Dip (1 x 10-3)
yes
no
FINAL VISUAL INSPECTION
Method 2009
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
ENVIRONMENTAL SCREENING
HSH1205D Rev C (25°C eff.). This revision supercedes all previous releases.
All technical information is believed to be accurate, but no responsibility is assumed
for errors or omissions. Interpoint reserves the right to make changes in products
or specifications without notice. HSH Series is a trademark of Interpoint. Copyright
© 2003-2004 Interpoint Corporation. All rights reserved.
Contact Information:
Interpoint USA
Phone:
1-800-822-8782
+425-882-3100
Email:
power@intp.com
www.interpoint.com
Interpoint UK
Phone:
+44-1252-872266
Email:
poweruk@intp.com
Interpoint France
Phone:
+33-134285455
Email:
powerfr@intp.com
DC/DC CONVERTERS


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HR701-2805DC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MSA2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MCH2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MSM283R3SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MFL2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MSR2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MFLHP2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MTO1212TDC/DC CONVERTERS 12 & 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MFW2805SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company
MTR283R3SDC/DC CONVERTERS 28 VOLT INPUT 1 2 3 4 5 MoreInterpoint Corporation Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn